Electronic Components Datasheet Search
  English  ▼

X  

RA2E2 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RA2E2
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 28Page - Renesas Technology Corp RA2E2 Datasheet HTML 29Page - Renesas Technology Corp RA2E2 Datasheet HTML 30Page - Renesas Technology Corp RA2E2 Datasheet HTML 31Page - Renesas Technology Corp RA2E2 Datasheet HTML 32Page - Renesas Technology Corp RA2E2 Datasheet HTML 33Page - Renesas Technology Corp RA2E2 Datasheet HTML 34Page - Renesas Technology Corp RA2E2 Datasheet HTML 35Page - Renesas Technology Corp RA2E2 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 101 page
background image
Table 2.26
Timing of recovery from low power modes (5)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time from Software
Standby mode to Snooze
mode
High-speed mode
System clock source is
HOCO
tSNZ
—
µs
Figure 2.11
Middle-speed mode
System clock source is
HOCO (24 MHz)
VCC = 1.8 V to 5.5 V
tSNZ
—
µs
Middle-speed mode
System clock source is
HOCO (24 MHz)
VCC = 1.6 V to 1.8 V
tSNZ
—
µs
Low-speed mode
System clock source is
MOCO (2 MHz)
tSNZ
—
µs
tSNZ
IRQ
ICLK (to DTC, SRAM)*1 PCLK
ICLK (except DTC, SRAM)
Oscillator
Software Standby mode
Snooze mode
Note 1. When SNZCR.SNZDTCEN bit is set to 1, ICLK is supplied to DTC and SRAM.
Figure 2.11
Recovery timing from Software Standby mode to Snooze mode
2.3.5
NMI and IRQ Noise Filter
Table 2.27
NMI and IRQ noise filter
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
NMI pulse
width
tNMIW
200
—
—
ns
NMI digital filter disabled
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
—
—
tPcyc × 2 > 200 ns
200
—
—
NMI digital filter enabled
tNMICK × 3 ≤ 200 ns
tNMICK ×
3.5*2
—
—
tNMICK × 3 > 200 ns
IRQ pulse
width
tIRQW
200
—
—
ns
IRQ digital filter disabled
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
—
—
tPcyc × 2 > 200 ns
200
—
—
IRQ digital filter enabled
tIRQCK × 3 ≤ 200 ns
tIRQCK ×
3.5*3
—
—
tIRQCK × 3 > 200 ns
Note:
200 ns minimum in Software Standby mode.
Note:
If the clock source is being switched it is needed to add 4 clock cycle of switched source.
Note 1. tPcyc indicates the PCLKB cycle.
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0150 Rev.1.50
Nov 8, 2025
Page 32 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com