Electronic Components Datasheet Search
  English  ▼

X  

RA2E2 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RA2E2
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 12Page - Renesas Technology Corp RA2E2 Datasheet HTML 13Page - Renesas Technology Corp RA2E2 Datasheet HTML 14Page - Renesas Technology Corp RA2E2 Datasheet HTML 15Page - Renesas Technology Corp RA2E2 Datasheet HTML 16Page - Renesas Technology Corp RA2E2 Datasheet HTML 17Page - Renesas Technology Corp RA2E2 Datasheet HTML 18Page - Renesas Technology Corp RA2E2 Datasheet HTML 19Page - Renesas Technology Corp RA2E2 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 101 page
background image
Note 2. See section 2.2.1. Tj/Ta Definition.
Note 3. Contact Renesas Electronics sales office for information on derating operation under Ta = +85°C to +125°C.
Derating is the systematic reduction of load for improved reliability.
Note 4. The upper limit of the operating temperature is 85°C, 105°C or 125°C, depending on the product.
Caution: Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors with high frequency
characteristics between the VCC and VSS pins, and between the VREFH0 and VREFL0 pins when VREFH0
is selected as the high potential reference voltage for the ADC12. Place capacitors of the following value
as close as possible to every power supply pin and use the shortest and heaviest possible traces:
● VCC and VSS: about 0.1 µF
● VREFH0 and VREFL0: about 0.1 µF
Also, connect capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin by a 4.7 µF capacitor. Each capacitor must be placed close to the pin.
Table 2.2
Recommended operating conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltages
VCC
1.6
—
5.5
V
VSS
—
0
—
V
Analog power supply voltages
VREFH0
When used as ADC12
Reference
1.6
—
VCC
V
VREFL0
—
0
—
V
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Table 2.3
DC characteristics
Conditions: Products with operating temperature (Ta) -40 to +125°C
Parameter
Symbol
Typ
Max*1
Unit
Test conditions
Permissible junction temperature
Tj
—
140
°C
High-speed mode
Middle-speed mode
Low-speed mode
Subosc-speed mode
125
105
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL +
ICCmax × VCC.
Note 1. The upper limit of operating temperature is 85°C, 105°C or 125°C depending on the product. If the part number shows the operation
temperature at 85°C, then the maximum value of Tj is 105°C,If the part number shows the operation temperature at 105°C, then the
maximum value of Tj is 125°C,otherwise it is 140°C.
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0150 Rev.1.50
Nov 8, 2025
Page 16 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com