Electronic Components Datasheet Search
  English  ▼

X  

RA2E2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RA2E2
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 3Page - Renesas Technology Corp RA2E2 Datasheet HTML 4Page - Renesas Technology Corp RA2E2 Datasheet HTML 5Page - Renesas Technology Corp RA2E2 Datasheet HTML 6Page - Renesas Technology Corp RA2E2 Datasheet HTML 7Page - Renesas Technology Corp RA2E2 Datasheet HTML 8Page - Renesas Technology Corp RA2E2 Datasheet HTML 9Page - Renesas Technology Corp RA2E2 Datasheet HTML 10Page - Renesas Technology Corp RA2E2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
Package type
NK: HWQFN 24 pins
NJ: HWQFN 20 pins
BY: WLCSP 16 pins
Quality Grade
C: Industrial applications
D: Consumer applications
Operating temperature
2: -40°C to 85°C
3: -40°C to 105°C
4: -40°C to 125°C
Code flash memory size
7: 64 KB
5: 32 KB
3: 16 KB
Feature set
Series name
RA family
Flash memory
Renesas microcontroller
7 4 C N K
R 7
2 E 2 A
Group name
# A A 0
Production identification code
0: MCU Version 1
1: MCU Version 2
Packing
A: Tray
U: Tray (Full tray)
B: Tray (Full carton)
H: Tape and reel
F A
Terminal material (Pb-free)
A: Sn (Tin) only
C: Others
Note: Check the order screen for each product on the Renesas website for valid symbols after the #.
Figure 1.2
Part numbering scheme
Table 1.11
Product list (1 of 2)
Product part number
Package code
Code flash
Data flash
SRAM
Operating
temperature
R7FA2E2A74CNK
PWQN0024KG-A
64
2
8
-40 to +125°C
R7FA2E2A74CNJ
PWQN0020KC-A
R7FA2E2A73CNK
PWQN0024KG-A
-40 to +105°C
R7FA2E2A73CNJ
PWQN0020KC-A
R7FA2E2A72DNK
PWQN0024KG-A
-40 to +85°C
R7FA2E2A72DNJ
PWQN0020KC-A
RA2E2 Datasheet
1. Overview
R01DS0387EJ0150 Rev.1.50
Nov 8, 2025
Page 7 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com