Electronic Components Datasheet Search
  English  ▼

X  

RA2E2 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RA2E2
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 45Page - Renesas Technology Corp RA2E2 Datasheet HTML 46Page - Renesas Technology Corp RA2E2 Datasheet HTML 47Page - Renesas Technology Corp RA2E2 Datasheet HTML 48Page - Renesas Technology Corp RA2E2 Datasheet HTML 49Page - Renesas Technology Corp RA2E2 Datasheet HTML 50Page - Renesas Technology Corp RA2E2 Datasheet HTML 51Page - Renesas Technology Corp RA2E2 Datasheet HTML 52Page - Renesas Technology Corp RA2E2 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
2.3.10
I3C Timing
Table 2.34
IIC timing
Conditions: VCC = 2.7 to 5.5 V
Parameter
Symbol
Min*1
Max
Unit Test conditions
IIC (standard mode,
SMBus)
SCL cycle time
tSCL
6 (40) × tIICcyc + 4 ×
tPcyc + 1300
—
ns
Figure 2.35
SCL high pulse width
tSCLH
3 (20) × tIICcyc + 2 ×
tPcyc + 300
—
ns
SCL low pulse width
tSCLL
3 (20) × tIICcyc + 2 ×
tPcyc + 800
—
ns
SCL, SDA rise time
tSr
—
1000
ns
SCL, SDA fall time
tSf
—
300
ns
SCL, SDA spike pulse removal
time
tSP
0
1 (16) × tIICcyc
ns
SDA bus free time
tBUF
3 (20) × tIICcyc + 300
—
ns
Hold time for START condition
tSTAH
tIICcyc + 300
—
ns
Setup time for repeated START
condition
tSTAS
1000
—
ns
Setup time for STOP condition
tSTOS
1000
—
ns
Data setup time
tSDAS
tIICcyc + 50
—
ns
Data hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb
—
400
pF
IIC (Fast mode)
SCL cycle time
tSCL
6 (40) × tIICcyc + 4 ×
tPcyc + 600
—
ns
Figure 2.35
SCL high pulse width
tSCLH
3 (20) × tIICcyc + 2 ×
tPcyc + 300
—
ns
SCL low pulse width
tSCLL
3 (20) × tIICcyc + 2 ×
tPcyc + 300
—
ns
SCL, SDA rise time
tSr
—
300
ns
SCL, SDA fall time
tSf
—
300
ns
SCL, SDA spike pulse removal
time
tSP
0
1 (16) × tIICcyc
ns
SDA bus free time
tBUF
3 (20) × tIICcyc + 300
—
ns
Hold time for START condition
tSTAH
tIICcyc + 300
—
ns
Setup time for repeated START
condition
tSTAS
300
—
ns
Setup time for STOP condition
tSTOS
300
—
ns
Data setup time
tSDAS
tIICcyc + 50
—
ns
Data hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb
—
400
pF
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle, tPcyc: PCLKD cycle
Note 1. Values in parentheses apply when INCTL.DNFS[3:0] is set to 1111b while the digital filter is enabled with DNFE.DNFE set to 1.
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0150 Rev.1.50
Nov 8, 2025
Page 49 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com