Electronic Components Datasheet Search
  English  ▼

X  

RA2E2 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RA2E2
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 41Page - Renesas Technology Corp RA2E2 Datasheet HTML 42Page - Renesas Technology Corp RA2E2 Datasheet HTML 43Page - Renesas Technology Corp RA2E2 Datasheet HTML 44Page - Renesas Technology Corp RA2E2 Datasheet HTML 45Page - Renesas Technology Corp RA2E2 Datasheet HTML 46Page - Renesas Technology Corp RA2E2 Datasheet HTML 47Page - Renesas Technology Corp RA2E2 Datasheet HTML 48Page - Renesas Technology Corp RA2E2 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 101 page
background image
Table 2.33
SPI timing (3 of 3)
Parameter
Symbol
Min
Max
Unit*1
Test
conditions
SPI MOSI and
MISO rise
and fall time
Output
2.7 V ≤ VCC ≤ 5.5 V
tDr, tDf
—
10
ns
Figure 2.29
to Figure
2.34
C = 30 pF
2.4 V ≤ VCC < 2.7 V
—
15
1.8 V ≤ VCC < 2.4 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
Input
—
1
µs
SSL rise and
fall time
Output
2.7 V ≤ VCC ≤ 5.5 V
tSSLr,
tSSLf
—
10
ns
2.4 V ≤ VCC < 2.7 V
—
15
1.8 V ≤ VCC < 2.4 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
Input
—
1
µs
Slave access time
2.4 V ≤ VCC ≤ 5.5 V
tSA
—
2 × tPcyc +
100
ns
Figure 2.33
and Figure
2.34
C = 30 pF
1.8 V ≤ VCC < 2.4 V
—
2 × tPcyc +
140
1.6 V ≤ VCC < 1.8 V
—
2 × tPcyc +
180
Slave output release
time
2.4 V ≤ VCC ≤ 5.5 V
tREL
—
2 × tPcyc +
100
ns
1.8 V ≤ VCC < 2.4 V
—
2 × tPcyc +
140
1.6 V ≤ VCC < 1.8 V
—
2 × tPcyc +
180
Note 1. tPcyc: PCLKB cycle.
Note 2. N is set as an integer from 1 to 8 by the SPCKD register.
Note 3. N is set as an integer from 1 to 8 by the SSLND register.
RSPCKn
master select
output
RSPCKn
slave select input
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
Note:
n = A
Figure 2.28
SPI clock timing
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0150 Rev.1.50
Nov 8, 2025
Page 45 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com