Electronic Components Datasheet Search
  English  ▼

X  

RA2E2 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RA2E2
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 14Page - Renesas Technology Corp RA2E2 Datasheet HTML 15Page - Renesas Technology Corp RA2E2 Datasheet HTML 16Page - Renesas Technology Corp RA2E2 Datasheet HTML 17Page - Renesas Technology Corp RA2E2 Datasheet HTML 18Page - Renesas Technology Corp RA2E2 Datasheet HTML 19Page - Renesas Technology Corp RA2E2 Datasheet HTML 20Page - Renesas Technology Corp RA2E2 Datasheet HTML 21Page - Renesas Technology Corp RA2E2 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 101 page
background image
Table 2.5
I/O IOH, IOL (2 of 2)
Conditions: VCC = 1.6 to 5.5 V
Parameter
Symbol
Min Typ
Max
Unit
Test conditions
Permissible output current (max
value total pins)*1
Total of ports P400,
P401
ΣIOH (max) —
—
-16
mA
VCC = 2.7 to 5.5 V
—
—
-2
VCC = 1.8 to 2.7 V
—
—
-1
VCC = 1.6 to 1.8 V
ΣIOL (max) —
—
30
VCC = 2.7 to 5.5 V
—
—
1.2
VCC = 1.8 to 2.7 V
—
—
0.6
VCC = 1.6 to 1.8 V
Total of ports
P010,P011,P014,P01
5
ΣIOH (max) —
—
-16
mA
VCC = 2.7 to 5.5 V
—
—
-4
VCC = 1.8 to 2.7 V
—
—
-2
VCC = 1.6 to 1.8 V
ΣIOL (max) —
—
32
VCC = 2.7 to 5.5 V
—
—
2.4
VCC = 1.8 to 2.7 V
—
—
1.2
VCC = 1.6 to 1.8 V
Total of other output
ports
ΣIOH (max) —
—
-30
mA
VCC = 2.7 to 5.5 V
—
—
-12
VCC = 1.8 to 2.7 V
—
—
-6
VCC = 1.6 to 1.8 V
ΣIOL (max) —
—
50
VCC = 2.7 to 5.5 V
—
—
9
VCC = 1.8 to 2.7 V
—
—
4.5
VCC = 1.6 to 1.8 V
Total of all output pin
ΣIOH (max) —
—
-30
mA
—
ΣIOL (max) —
—
80
—
Note 1. Specification under conditions where the duty factor ≤ 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated with the following expression
(when changing the duty factor from 70% to n%).
Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOH = −30.0 mA
Total output current of pins = (−30.0 × 0.7)/(80 × 0.01)
≅ −26.2 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
Caution: To protect the reliability of the MCU, the output current values should not exceed the values in Table 2.5.
2.2.4
I/O VOH, VOL, and Other Characteristics
Table 2.6
I/O VOH, VOL (1)
Conditions: VCC = 4.0 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output
voltage
Ports P400, P401
VOH
VCC - 0.27
—
—
V
IOH = -3.0 mA
VOH
VCC - 0.8
—
—
IOH = -8.0 mA
Output pins except for P400 and P401*1
VOH
VCC - 0.8
—
—
IOH = -4.0 mA
Ports P400, P401
VOL
—
—
0.27
IOL = 3.0 mA
VOL
—
—
0.4
IOL = 9.0 mA
VOL
—
—
0.8
IOL = 15.0 mA
P010, P011, P014, P015
VOL
—
—
0.8
IOL = 8.0 mA
Output pins except for P010, P011, P014,
P015, P400 and P401*1
VOL
—
—
1.2
IOL = 20.0 mA
Note 1. Except for Port P200 which is input port.
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0150 Rev.1.50
Nov 8, 2025
Page 18 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com