Electronic Components Datasheet Search
  English  ▼

X  

RA2E2 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RA2E2
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 16Page - Renesas Technology Corp RA2E2 Datasheet HTML 17Page - Renesas Technology Corp RA2E2 Datasheet HTML 18Page - Renesas Technology Corp RA2E2 Datasheet HTML 19Page - Renesas Technology Corp RA2E2 Datasheet HTML 20Page - Renesas Technology Corp RA2E2 Datasheet HTML 21Page - Renesas Technology Corp RA2E2 Datasheet HTML 22Page - Renesas Technology Corp RA2E2 Datasheet HTML 23Page - Renesas Technology Corp RA2E2 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 101 page
background image
2.2.5
Operating and Standby Current
Table 2.10
Operating and standby current (1) (1 of 2)
Conditions: VCC = 1.6 to 5.5 V
Parameter
Symbol
Typ*10
Max
Unit
Test
Conditions
Supply
current*1
High-
speed
mode*2
Normal
mode
All peripheral clocks
disabled, CoreMark
code executing from
flash*5
ICLK = 48 MHz
ICC
3.90
—
mA
*7 *11
ICLK = 32 MHz
2.85
—
*7
ICLK = 16 MHz
1.75
—
ICLK = 8 MHz
1.20
—
All peripheral clocks
enabled, code
executing from flash*5
ICLK = 48 MHz
—
10.5
*9 *11
Sleep
mode
All peripheral clocks
disabled*5
ICLK = 48 MHz
1.00
—
*7
ICLK = 32 MHz
0.85
—
*7
ICLK = 16 MHz
0.65
—
ICLK = 8 MHz
0.60
—
All peripheral clocks
enabled*5
ICLK = 48 MHz
3.90
—
*9
ICLK = 32 MHz
3.50
—
*8
ICLK = 16 MHz
2.00
—
ICLK = 8 MHz
1.20
—
Increase during BGO operation*6
2.05
—
—
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0150 Rev.1.50
Nov 8, 2025
Page 20 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com