Electronic Components Datasheet Search
  English  ▼

X  

DIO74506 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74506
Description  SD 3.0-Compatible Memory Card Level Translator with Auto-Direction Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74506 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74506 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DIO74506
Version 1.0, May 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
7
Card-side to host-side propagation delay; DATnB to DATnA and CMDB to CMDA
tpd
Propagation delay
VCCA = 1.2 V; VCCB = 1.8 V(2)
2.7
4.6
ns
VCCA = 1.2 V; VCCB = 3.3 V(2)
1.7
3.0
ns
VCCA = 1.8 V; VCCB = 1.8 V(2)
2.7
4.6
ns
VCCA = 1.8 V; VCCB = 3.3 V(2)
1.6
2.7
ns
tsk(o)
Output skew time
VCCA = 1.2 V; VCCB = 1.8 V
200
ps
VCCA = 1.2 V; VCCB = 3.3 V
200
ps
VCCA = 1.8 V; VCCB = 1.8 V
200
ps
VCCA = 1.8 V; VCCB = 3.3 V
200
ps
Host-side to host-side propagation delay; CLKA to CLKFB
tpd
Propagation delay
VCCA = 1.2 V; VCCB = 1.8 V(2)
5.8
10
ns
VCCA = 1.2 V; VCCB = 3.3 V(2)
3.9
7.0
ns
VCCA = 1.8 V; VCCB = 1.8 V(2)
5.4
9.4
ns
VCCA = 1.8 V; VCCB = 3.3 V(2)
3.3
5.8
ns
Bus signal equivalent capacitance
CI/O
Input/output capacitance
VI = 0 V; fI = 1 MHz; VCCA = 1.8 V;
host side(3)
5
pF
VI = 0 V; fI = 1 MHz; VCCB = 1.8 V;
card side(3)
12
pF
Note:
(1) tt is the same as tTHL and tTLH.
(2) tpd is the same as tPLH and tPHL.
(3) EMI filter line capacitance from I/O driver to pin; CI/O is guaranteed by design.
(4) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com