Electronic Components Datasheet Search
  English  ▼

X  

DIO74506 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74506
Description  SD 3.0-Compatible Memory Card Level Translator with Auto-Direction Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74506 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74506 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DIO74506
Version 1.0, May 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
5
5. Electrical Characteristics
5.1. Static characteristics
TA = -40°C to 85°C, VCCA = 1.1 V to 1.95 V, VCCB = 1.7 V to 3.6 V. Typical values are at TA = 25°C, unless
otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Automatic enable feature: VCCB
VEN
Device enable voltage
level
VCCA ≥ 1.0 V; VCCB rising edge
0.9
1.2
1.55
V
VDIS
Device disable voltage
level
VCCA ≥ 1.0 V; VCCB falling edge
0.65
0.95
1.3
V
Host-side input signals: CMDA, DAT0A to DAT3A and CLKA
VIH
High-level input voltage 1.1 V ≤ VCCA ≤ 1.95 V
0.65 × VCCA
VCCA + 0.3
V
VIL
Low-level input voltage 1.7 V ≤ VCCA ≤ 1.95 V
−0.3
0.35 × VCCA
V
II
Input leakage current
VCCA = 1.95 V; VI = 0 V to 1.95 V
1
μA
Host-side output signals: CMDA and DAT0A to DAT3A
VOH
High-level output voltage
IO = -2 µA; VI = VIH (card side),
1.1 V ≤ VCCA ≤ 1.95 V
0.8 × VCCA
VCCA + 0.3
V
VOL
Low-level output voltage
IO = 2 mA; VI = VIL (card side),
1.1 V ≤ VCCA ≤ 1.95 V
-0.3
0.15 × VCCA
V
Host-side output signals: CLKFB
VOH
High-level output voltage
IO = -2 mA; VI = VIH (card side),
1.1 V ≤ VCCA ≤ 1.95 V
0.8 × VCCA
VCCA + 0.3
V
VOL
Low-level output voltage
IO = 2 mA; VI = VIL (host side),
1.1 V ≤ VCCA ≤ 1.95 V
-0.3
0.15 × VCCA
V
Card-side input signals: CMDB and DAT0B to DAT3B
VIH
Level input voltage
1.7 V ≤ VCCB ≤ 3.6 V
0.625 × VCCB
VCCB + 0.3
V
VIL
Low-level input voltage
1.7 V ≤ VCCB ≤ 1.95 V
−0.3
0.35 × VCCB
V
2.7 V ≤ VCCB ≤ 3.6 V
−0.3
0.3 × VCCB
V
Card-side output signal: CMDB, DAT0B to DAT3B and CLKB
VOH
High-level output voltage
VCCB = 1.7 V; IO = -2 mA;
VI = VIH (host side)
0.85 × VCCB
VCCB + 0.3
V
VCCB = 2.7 V; IO = -4 mA;
VI = VIH (host side)
0.85 × VCCB
VCCB + 0.3
V
VCCB = 1.7 V; IO = -2 μA;
VI = VIH (host side)
0.85 × VCCB
VCCB + 0.3
V
VOL
Low-level output voltage
IO = 2 mA; VI = VIL (host side);
VCCB = 1.7 V
0.125 × VCCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com