Electronic Components Datasheet Search
  English  ▼

X  

DIO74506 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74506
Description  SD 3.0-Compatible Memory Card Level Translator with Auto-Direction Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74506 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO74506 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DIO74506
Version 1.0, May 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
3
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Condition
Rating
Unit
VCCA
Supply voltage A
4 ms transient; on pin VCCA
-0.5 to 2.5
V
VCCB
Supply voltage B
4 ms transient; on pin VCCB
-0.5 to 4.6
V
VI
Port A input voltage
4 ms transient at I/O pins
-0.5 to 2.5
V
Port B input voltage
4 ms transient at l/O pins
-0.5 to 4.6
V
IIK
Input clamp current
VI < -0.3 V or VI > VCCA + 0.3 V (1)
±20
mA
IOK
Port A, output clamping current
VO < -0.3 V or VO > VCCA + 0.3 V (1)
±20
mA
Port B, output clamping current
VO < -0.3 V or VO > VCCB + 0.3 V (1)
±50
mA
PD
Total power dissipation
TA = -40°C to 85°C
250
mW
TSTG
Storage temperature range
-55 to 150
°C
Note:
(1) The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Condition
Rating
Unit
VCCA
Supply voltage A
On pin VCCA (1)
1.1 to 1.95
V
VCCB
Supply voltage B
On pin VCCB (1)
1.7 to 3.6
V
VI
Port A input voltage
Host side (2)
−0.3 to (VCCA + 0.3)
V
Port B input voltage
Memory card side (3)
−0.3 to (VCCB + 0.3)
V
TA
Ambient temperature
−40 to 85
°C
Note:
(1) VCCA should be less than or equal to VCCB.
(2) VCCA must not exceed 1.95 V.
(3) VCCB must not exceed 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com