Electronic Components Datasheet Search
  English  ▼

X  

DIO74506 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74506
Description  SD 3.0-Compatible Memory Card Level Translator with Auto-Direction Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74506 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74506 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DIO74506
Version 1.0, May 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
10
8. Function Description
8.1. Level translator
The bidirectional level translator transfers data between the I/O supply domains of the host and the memory
card. An automatic direction-sensing mechanism determines the data flow direction, allowing signals to be
translated either from the memory card to the host in read mode or from the host to the memory card in
write mode. The translator supports the clock and data rates defined by the SD 3.0 specification.
Table 1. Supported mode
Bus Speed Mode
Signal Level (V)
Clock Rate (MHz)
Data Rate (MB/s)
Default-speed
3.3
25
12.5
High-speed
3.3
50
25
SDR12
1.8
25
12.5
SDR25
1.8
50
25
SDR50
1.8
100
50
SDR104
1.8
208
104
DDR50
1.8
50
50
8.2. Enable and direction control
The device includes an auto-enable function. When VCCB rises above 1.55 V, the level translator is enabled
automatically. When VCCB falls below 0.65 V, the memory-card-side drivers and the level translator are
disabled. All host-side pins, except CLKA, are configured as inputs with a 70 kΩ pull-up to VCCA.
The device features an auto-direction control mechanism for all data channels except CLK. The direction
control logic automatically senses the data flow direction and configures the output drivers accordingly,
eliminating the need for the host interface to explicitly indicate the direction of data transfer.
8.3. Feedback clock channel
The clock signal is transmitted from the host to the memory card. Propagation delay introduced by the level
translator and PCB traces can reduce timing margin on data read back from the card, particularly at higher
data rates. To compensate for this delay, a feedback clock path is implemented. This approach leverages
the fact that the clock always originates from the host, while the timing-critical read data path is driven by
the memory card.
8.4. EMI filter
All input and output driver stages incorporate EMI filtering to reduce interference with sensitive mobile
communication circuits.
8.5. ESD protection
The device provides robust ESD protection on all memory-card pins. The internal architecture protects the
host interface by directing ESD stress to supply ground through the level translator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com