Electronic Components Datasheet Search
  English  ▼

X  

DIO74506 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74506
Description  SD 3.0-Compatible Memory Card Level Translator with Auto-Direction Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74506 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO74506 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DIO74506
Version 1.0, May 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
I
SD 3.0-Compatible Memory Card Level Translator with
Auto-Direction Control
Features
Supports up to 208 MHz clock rate
1.1 V to 1.95 V host side interface voltage
1.7 V to 3.6 V SD card voltage
Auto-direction sensing
Low power consumption
Integrated pull-up resistors: no external resistors
required
Integrated EMI filters suppress higher harmonics
of digital I/Os
Level shifting buffers keep ESD stress away
from the host
ESD protection:
− HBM: ANSI/ESDA/JEDEC JS-001 class 2
exceeds 2 kV
− CDM: ANSI/ESDA/JEDEC JS-002 class C3
exceeds 1 kV
− IEC6100-4-2, level 4, contact and air
discharge on all memory card-side pins,
VCCB and GND, are ±8 kV and ±15 kV
respectively
Temperature range: -40°C to 85°C
Applications
Smartphone
Mobile handsets
Digital cameras
Tablet PCs
Laptop computers
SD, MMC or micro-SD card readers
Package Information
Part Number
Package
Body Size
DIO74506
WLCSP16
1.455 × 1.455 mm
Description
The DIO74506 is an SD 3.0-compliant bidirectional
dual-supply level translator featuring auto direction
control. It is designed to interface between a memory
card operating at 1.7 V to 3.6 V signal levels and a
host with a typical supply voltage of 1.1 V to 1.95 V.
The device supports SDR104, SDR50, DDR50,
SDR25, SDR12 and SD2.0 high-speed (50 MHz) and
default-speed (25 MHz) modes.
Simplified Schematic


Similar Part No. - DIO74506

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO74557 DIOO-DIO74557 Datasheet
956Kb / 12P
SIM Card Interface Level Shifter with EMI Filter and ESD Protection
Rev 1.5
DIO74557LP10 DIOO-DIO74557LP10 Datasheet
956Kb / 12P
SIM Card Interface Level Shifter with EMI Filter and ESD Protection
Rev 1.5
DIO74557S DIOO-DIO74557S Datasheet
949Kb / 16P
SIM Card Interface Level Shifter with EMI Filter and ESD Protection
Version 1.1, May 2024
DIO74557SLP10 DIOO-DIO74557SLP10 Datasheet
949Kb / 16P
SIM Card Interface Level Shifter with EMI Filter and ESD Protection
Version 1.1, May 2024
DIO74559 DIOO-DIO74559 Datasheet
869Kb / 15P
SIM Card Interface Level Shifter with EMI Filter and ESD Protection
Version 1.1, Oct 2024
More results

Similar Description - DIO74506

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4855CX25 NXP-IP4855CX25 Datasheet
245Kb / 29P
SD 3.0-compliant memory card integrated voltage level translator with EMI filter and ESD protection
Rev. 1-13 September 2012
logo
List of Unclassifed Man...
S-12097 ETC-S-12097 Datasheet
859Kb / 18P
Micro-SD 3.0 Memory Card
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXB0108 TI1-TXB0108_16 Datasheet
1Mb / 32P
TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
logo
NXP Semiconductors
NVT4857UK NXP-NVT4857UK Datasheet
643Kb / 24P
SD 3.0-SDR104 compliant integrated auto-direction control memory card voltage level translator with EMI filter and ESD protection
Rev. 2-6 June 2018
NVT4857UK NXP-NVT4857UK_V01 Datasheet
355Kb / 23P
SD 3.0-SDR104 compliant integrated auto-direction control
Rev. 2.1 - 7 November 2022
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
Nexperia B.V. All right...
NXS0506 NEXPERIA-NXS0506 Datasheet
264Kb / 17P
SD 3.0-compatible memory card integrated auto-direction control and level translator with EMI filter and ESD protection
Rev. 2 - 8 March 2022
logo
NXP Semiconductors
NVT4857UK NXP-NVT4857UK_V02 Datasheet
357Kb / 23P
SD 3.0-SDR104 compliant integrated auto-direction control
Rev. 3.0 - 19 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com