Electronic Components Datasheet Search
  English  ▼

X  

DIO74506 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74506
Description  SD 3.0-Compatible Memory Card Level Translator with Auto-Direction Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74506 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74506 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DIO74506
Version 1.0, May 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
4
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
ANSI/ESDA/JEDEC JS-001
±4
kV
CDM
ANSI/ESDA/JEDEC JS-002
±2
kV
IEC 61000-4-2, level 4, contact discharge(1) at SIM card side
pins, VCCB, and GND pins
±8
kV
IEC 61000-4-2, level 4, air discharge(1)(2) at SIM card side pins,
VCCB, and GND pins
±15
kV
Note:
(1) All system-level tests are performed using application-specific capacitors connected to the supply pins VCCA and VCCB.
(2) According to the IEC 61000-4-2 standards, a level 4 contact discharge of ±8 kV is considered equivalent to a ±15 kV air
discharge. Air discharge is provided for information only and was not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com