Electronic Components Datasheet Search
  English  ▼

X  

DIO74506 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74506
Description  SD 3.0-Compatible Memory Card Level Translator with Auto-Direction Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74506 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74506 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74506 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DIO74506
Version 1.0, May 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
6
IO = 4 mA; VI = VIL (host side);
VCCB = 2.7 V
0.125 × VCCB
V
Current consumption
ICC
Supply current
VCCAcurrent; CLKA, CMDA and
DATnA = High; VI = VCCA;
VCCA = 1.95 V; VCCB = 3.6 V
4
μA
VCCB current; CLKA, CMDA and
DATnA = High; VI = VCCA;
VCCA= 1.7 V; VCCB = 1.7 V
7
μA
VCCB current; CLKA, CMDA and
DATnA = High; VI = VCCA;
VCCA = 1.95 V; VCCB = 3.6 V
20
μA
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.
5.2. Dynamic characteristics
TA = -40°C to 85°C, VCCA = 1.1 V to 1.95 V, VCCB = 1.7 V to 3.6 V. Typical values are at TA = 25°C, unless
otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Host-side output transition times
tt
Transition time
VCCA = 1.2 V to 1.8 V;(1) output
transition time between VX =
0.35VCCA and VY = 0.65VCCA
0.4
1.0
ns
Card-side output transition times
tt
Transition time
VCCB = 1.8 V;(1) output transition
time between VX = 0.45 V and
VY = 1.4 V
0.4
0.88
1.32
ns
Host-side to card-side propagation delay; DATnA to DATnB, CMDA to CMDB and CLKA to CLKB
tpd
Propagation delay
VCCA = 1.2 V; VCCB = 1.8 V(2)
3.1
5.4
ns
VCCA = 1.2 V; VCCB = 3.3 V(2)
2.2
4.0
ns
VCCA = 1.8 V; VCCB = 1.8 V(2)
2.7
4.8
ns
VCCA = 1.8 V; VCCB = 3.3 V(2)
1.7
3.1
ns
tsk(o)
Output skew time
VCCA = 1.2 V; VCCB = 1.8 V
200
ps
VCCA = 1.2 V; VCCB = 3.3 V
200
ps
VCCA = 1.8 V; VCCB = 1.8 V
200
ps
VCCA = 1.8 V; VCCB = 3.3 V
200
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com