Electronic Components Datasheet Search
  English  ▼

X  

AS1181 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 30Page - ams-OSRAM AG AS1181 Datasheet HTML 31Page - ams-OSRAM AG AS1181 Datasheet HTML 32Page - ams-OSRAM AG AS1181 Datasheet HTML 33Page - ams-OSRAM AG AS1181 Datasheet HTML 34Page - ams-OSRAM AG AS1181 Datasheet HTML 35Page - ams-OSRAM AG AS1181 Datasheet HTML 36Page - ams-OSRAM AG AS1181 Datasheet HTML 37Page - ams-OSRAM AG AS1181 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
34 / 92
/
7.2.4.1
Periodic BIST sequence
The periodic BIST sequence bypasses the external LEDs by using an internal RLOAD resistor
to verify the operation of the current sinks.
During production testing, the device is calibrated so that the voltage across the internal
RLOAD resistor corresponds to a known current sunk by each LN current source. Each LN
current source can be individually connected to the RLOAD circuit.
During operation, the device verifies that the measured voltage across RLOAD for a given
current matches the reference value stored in the OTP. This check also accounts for device
temperature and the temperature coefficient of the polysilicon resistor used for RLOAD.
The periodic BIST runs after an illumination event on one channel, then advances to the next
channel on the following illumination cycle, completing all channels after eight illumination
cycles.
During startup BIST, all current sinks are tested using the RLOAD Startup configuration.
The periodic BIST timing can be configured or disabled with TST_INTERVAL register (Address
0x1A40).
7.2.5
Temperature shutdown
The device integrates an on-chip temperature supervision for over and under temperature
situations. If the device is exposed to too high or too low temperatures it will shut down the
current sinks, sets respective interrupt and inform the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com