Electronic Components Datasheet Search
  English  ▼

X  

LA6 Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # LA6
Description  Signal Tower
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LA6 Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  LA6 Datasheet HTML 1Page - PATLITE CORPORATION. LA6 Datasheet HTML 2Page - PATLITE CORPORATION. LA6 Datasheet HTML 3Page - PATLITE CORPORATION. LA6 Datasheet HTML 4Page - PATLITE CORPORATION. LA6 Datasheet HTML 5Page - PATLITE CORPORATION. LA6 Datasheet HTML 6Page - PATLITE CORPORATION. LA6 Datasheet HTML 7Page - PATLITE CORPORATION. LA6 Datasheet HTML 8Page - PATLITE CORPORATION. LA6 Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
1. Specifications
Model
LA6- D
-
(Refer to “2. Model Number Configuration”)
Rated Voltage
DC24 V
Operating Voltage Range
±10% of Rated Voltage
Rated Power Con-
sumption
Standard
LA6-5 D
N-RYGBC
5.0W
LA6-5 D
B-RYGBC
6.5W
LA6-3D
N-RYG
3.5W
LA6-3D
B-RYG
4.5W
Maximum
LA6-5 D
N-YYYYY
7.0W
LA6-5 D
B-YYYYY
8.0W
LA6-3D
N-YYY
4.5W
LA6-3D
B-YY
5.5W
Environmental Condition
Alarm: Tone No.1 at Maximum Volume
Signal Wire Current
Maximum 70mA
Standby Current
Maximum 15mA
Operating Ambient Temperature
-250C - +600C
Operating Humidity Range
Less than 90% RH (No Dew or Condensation)
Storage Temperature Range
-250C - +600C
Storage Humidity Range
Less than 90% RH (No Dew or Condensation)
Mounting Location
Indoor Only
Mounting Direction
Upright/Inverted Direction
Protection Rating
IP65 (Alarm specification: IP54) IEC 60529
Environmental Condition
Upright Installation
Vibration
Resistance
LA6-
LJ
Sweep Durability: Total amplitude: 0.3 mmp-p (10 - 57.5 Hz),
Acceleration: 20.0 m/s2 (57.5 - 150 Hz)
Fixed pitch durability: Acceleration 20.0 m/s2
LA6-
WJ
LA6-
TN
Sweep Durability: Total amplitude 0.3 mmp-p (10 - 57.5 Hz),
Acceleration: 20.0 m/s2 (57.5 - 150 Hz)
Fixed Vibration Frequency Durability: Acceleration 10.0 m/s2
JIS C 60068-2-6:2010
Environmental Condition
Upright Installation
Insulation Resistance
More than 1Mohm at DC500V between the power input lead and chassis.
Withstand Voltage
500VAC for 1min between terminals and chassis without breaking insulation
Display Color Variations
Signal Tower Mode: 9 Colors Smart Mode: 21 Colors
Display Color
(Typical Luminous Intensity)
red (1000 mcd) amber (1700 mcd) green (2600 mcd) blue (1000 mcd) white (1250 mcd)
purple (800 mcd) pink (850 mcd) sky blue (2150 mcd) lemon (2150 mcd)
* Due to the characteristics of the LED elements, a variation in difference of the color tone and brightness of every product may
occur.
Flash Rate
60 ± 2 Flashes Per Minute
3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com