Electronic Components Datasheet Search
  English  ▼

X  

LA6 Datasheet(PDF) 7 Page - PATLITE CORPORATION.

Part # LA6
Description  Signal Tower
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LA6 Datasheet(HTML) 7 Page - PATLITE CORPORATION.

Back Button LA6 Datasheet HTML 3Page - PATLITE CORPORATION. LA6 Datasheet HTML 4Page - PATLITE CORPORATION. LA6 Datasheet HTML 5Page - PATLITE CORPORATION. LA6 Datasheet HTML 6Page - PATLITE CORPORATION. LA6 Datasheet HTML 7Page - PATLITE CORPORATION. LA6 Datasheet HTML 8Page - PATLITE CORPORATION. LA6 Datasheet HTML 9Page - PATLITE CORPORATION. LA6 Datasheet HTML 10Page - PATLITE CORPORATION. LA6 Datasheet HTML 11Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
3.2. Part Names and Outer Appearance
Each figure contains 5 lens tiers, with Flashing/Alarm functions. For 3 lens tiers, the outer lens height will be shorter. Also, for
models not including the Flashing/Alarm functions, the product will not include an alarm unit.
φ
60
1
2
(Unit:mm)
Wire length: 1360
Wire style: UL2464/AWG24
40
70
<Overall Height>
-
:320
-
:254
-
:280
-
:214
16
10
8.5
1Maximum Board thickness: 4 mm
2
Spec. Underside View
1
3
4
6
7
9 10
2
5
φ
60
1
40
70
16
20
8.5
1
3
4
6
8
9
2
5
14
Direct mount
with cable connection
■
Direct mount with Screwless Terminal
Block connection
■
B
B
N
N
5
3
5
3
<Overall Height>
-
:330
-
:264
-
:290
-
:224
B
B
N
N
5
3
5
3
WJ
TN
WJ TN
TN
Accessory Assembly
Screw
(M4x20)
3pcs.
Flanged nut
(M4)
3pcs.
Threaded hole for cable gland attachment
(M16×1.5 Effective screw length 12mm)
Cable gland
<Note> The cable gland is not included
with this product.
(φ6.7)
Remove the head cover by turning it to the left to release it from the locked
position.(To re-assemble, perform the steps in the reverse order.)
3 Maximum Board Thickness: 16 mm
13
Multi-function Button
(Remove Head Cover)
18.8
22.2
5
(Cover in opened position)
USB Cover (Detailed Parts)
Micro USB connector
(Micro-B Female)
〈Note〉- To open the USB Cover, insert a
minus driver (blade-edge width of 3
mm, thickness of 0.5 mm or less) in
the indented part and lightly pry it
open.
(Use an object made of ceramic to
avoid scratching or damaging the
Body.)
- Ensure the USB cover is closed at
all times. If not securely closed,
the waterproof performance will
decrease.
φ
60
40
70
284
294
313.5
16
10
1
3
4
6
7
10
12
2
5
[
Steel pole with mounting angle and cable
■
11
3
13
〈Note〉This connector
is not used.
〈Note〉   The arrow mark (stackable mark) shows the part of the Main Unit
(upper portion of bracket) which can be removed.
Do not disassemble any parts other than the parts indicated above.
<Overall Height>
- :320
- :254
- :280
- :214
B
B
N
N
5
3
5
3
LJ
Number
Name
Material
1
Head Cover
ABS
2
Lens
PMMA
3
Outer Lens
PC
4
Body
ABS
5
USB Cover
ABS
6
Buzzer Case
ABS
7
Direct-mount Bracket ABS
Number
Name
Material
8
Terminal Block Bracket ABS
9
Waterproof Packing
Urethane Foam
10
Cable
PVC
11
Pole
Steel Pipe
12
14
Mounting Angle
Steel Plate
Accessory Assembly Steel
13
Multi-function Button
ABS
Wire length: 1360
Wire style: UL2464/AWG24
(φ6.7)
7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com