Electronic Components Datasheet Search
  English  ▼

X  

LA6 Datasheet(PDF) 4 Page - PATLITE CORPORATION.

Part # LA6
Description  Signal Tower
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LA6 Datasheet(HTML) 4 Page - PATLITE CORPORATION.

  LA6 Datasheet HTML 1Page - PATLITE CORPORATION. LA6 Datasheet HTML 2Page - PATLITE CORPORATION. LA6 Datasheet HTML 3Page - PATLITE CORPORATION. LA6 Datasheet HTML 4Page - PATLITE CORPORATION. LA6 Datasheet HTML 5Page - PATLITE CORPORATION. LA6 Datasheet HTML 6Page - PATLITE CORPORATION. LA6 Datasheet HTML 7Page - PATLITE CORPORATION. LA6 Datasheet HTML 8Page - PATLITE CORPORATION. LA6 Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4/26
Alarm Sound
(Typical Frequency)
No.1
2400Hz Continuous beep sound
No.2
2400Hz Rapid intermittent beep
(0.05 sec. sound / 0.05 sec. silent)
No.3
2400Hz Long intermittent beep
(1.5 sec. sound / 1.5 sec. silent)
No.4
2400Hz Fast intermittent beep
(0.5 sec. sound / 0.5 sec. silent)
No.5
3600Hz Continuous beep Sound
No.6
3600Hz Rapid intermittent beep
(0.05 sec. sound / 0.05 sec. silent)
No.7
3600Hz Long intermittent beep
(1.5 sec. sound / 1.5 sec. silent)
No.8
3600Hz Fast intermittent beep
(0.5 sec. sound / 0.5 sec. silent)
No.9
2400Hz & 3375Hz Multiplexed Beep
(0.25 sec. / 0.25 sec.)
No.10 2400Hz & 3600Hz Multiplexed Beep
(0.25 sec. / 0.25 sec.)
No.11
4000Hz & 4800Hz Multiplexed Beep
(0.25 sec. / 0.25 sec.)
-
Sound Level
Maximum: 85dB
Environmental Condition
Alarm Sound No.1 measured from the front direction of the Alarm opening at 1m
Volume Control
The set up button is the fourth step (Factory Default: Maximum).
[Maximum] -> [-5dB drop from maximum (standard)] -> [-10dB drop from maximum
(standard)] -> [OFF] (-> Returns to [Maximum])
Data Transfer Inter-
face
Main Unit
USB micro-B Terminal Female
USB2.0/1.1 Interface, Transmission Rate: USB2.0/1.1/1.0
Transfer
Cable
Charge /Data Transfer compatable Micro-USB (not included)
Connector Type: USB type Male to USB MicroB type Male
Data Programming Application
Software
Exclusive “EDITOR for LA series” Application Software
(Downloadable from our Homepage)
Mass (Tolerance 10%)
LA6-3DTN B
480g
LA6-3DLJ B
980g
LA6-3DWJ B
450g
LA6-3DTN N
420g
LA6-3DLJ N
930g
LA6-3DWJ N
400g
LA6-5DTN B
590g
LA6-5DLJ B
1090g
LA6-5DWJ B
560g
LA6-5DTN N
530g
LA6-5DLJ N
1040g
LA6-5DWJ N
510g
Compliance Standards
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
UL508, CSA-C22.2 No.14
KC ( KN 61000-6-4, KN 61000-6-2)
FCC Part 15 Subpart B Class A
-
Remarks
Conforms to the CE Requirements
Conforms to the UKCA Requirements
UL Recognized Component (File No.E215660)
4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com