Electronic Components Datasheet Search
  English  ▼

X  

LA6 Datasheet(PDF) 10 Page - PATLITE CORPORATION.

Part # LA6
Description  Signal Tower
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LA6 Datasheet(HTML) 10 Page - PATLITE CORPORATION.

Back Button LA6 Datasheet HTML 6Page - PATLITE CORPORATION. LA6 Datasheet HTML 7Page - PATLITE CORPORATION. LA6 Datasheet HTML 8Page - PATLITE CORPORATION. LA6 Datasheet HTML 9Page - PATLITE CORPORATION. LA6 Datasheet HTML 10Page - PATLITE CORPORATION. LA6 Datasheet HTML 11Page - PATLITE CORPORATION. LA6 Datasheet HTML 12Page - PATLITE CORPORATION. LA6 Datasheet HTML 13Page - PATLITE CORPORATION. LA6 Datasheet HTML 14Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10/26
4.1.1. When connecting to relay contacts
4.1.2. When connecting to a PLC (NPN Transistor)
/
/
/
/
/
/
⑥
/
⑪
/
⑩
/
⑧
①
②
⑤
④
③
LA6
24V DC
(Class 2)
(No polarity)
LED Tier 1 / Input 1
LED Tier 2 / Input 2
LED Tier 3 / Input 3
LED Tier 4 / Input 4
LED Tier 5 / Input 5
Power Supply Wire
Flashing/Pulse Enable
Common line
Alarm 1 / Input 6
Mode Change
Power Supply Wire
/
⑦
Alarm 2 / Input 7
External Contact
For Flashing/ Pulse Enable
External Contact
For lighting
Do Not Apply Voltage!
External Contact Classication
Voltage Contact Relay
Without flashing/alarm
B
N
With flashing/alarm
/
⑨
Red
Orange
Green
Blue
White
Brown
Purple
Pink
Skyblue
Yellow
Gray
B
For
Flashing/Alarm only
Do Not Apply Voltage!
PLC
E
C
B
Circuit Schematic
PLC(NPN Transistor)
Do Not Apply Voltage!
24V DC
(Class 2)
/
/
/
/
/
/
⑥
/
⑪
/
⑩
/
⑧
①
②
⑤
④
③
LA6
LED Tier 1 / Input 1
LED Tier 2 / Input 2
LED Tier 3 / Input 3
LED Tier 4 / Input 4
LED Tier 5 / Input 5
Power Supply Wire
Flashing/Pulse Enable
Common line
Alarm 1 / Input 6
Mode Change
Power Supply Wire
/
⑦
Alarm 2 / Input 7
Without ashing/alarm
B
N
With ashing/alarm
/
⑨
Output Unit 2
For Flashing/Pulse Enable
Output Unit 1
For Lighting
B
For
Flashing/Alarm only
Red
Orange
Green
Blue
White
Brown
Purple
Pink
Skyblue
Yellow
Gray
10/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com