Electronic Components Datasheet Search
  English  ▼

X  

LA6 Datasheet(PDF) 9 Page - PATLITE CORPORATION.

Part # LA6
Description  Signal Tower
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LA6 Datasheet(HTML) 9 Page - PATLITE CORPORATION.

Back Button LA6 Datasheet HTML 5Page - PATLITE CORPORATION. LA6 Datasheet HTML 6Page - PATLITE CORPORATION. LA6 Datasheet HTML 7Page - PATLITE CORPORATION. LA6 Datasheet HTML 8Page - PATLITE CORPORATION. LA6 Datasheet HTML 9Page - PATLITE CORPORATION. LA6 Datasheet HTML 10Page - PATLITE CORPORATION. LA6 Datasheet HTML 11Page - PATLITE CORPORATION. LA6 Datasheet HTML 12Page - PATLITE CORPORATION. LA6 Datasheet HTML 13Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
4. Wiring
The wiring example indicates how to connect to external contacts for every classification.
If there are any special applications that require asking questions concerning this product, feel free to contact your PATLITE Sales
Representative.
4.1. Wiring Examples
■
About the “Mode Change” switch-over
When entering the “Mode Change”, the operating mode can be changed to the “Smart Mode.” In the “Smart Mode”, various
lighting and alarm patterns can be arranged. Visit our company’s homepage (www.patlite.com) for further details.
* For the “Mode Change” switch-over, refer to “5. Operating Directions” for further details.
* When lighting and flashing are used together in the Signal Tower mode with a PLC, it is necessary to separate the flashing and
non-flashing circuit outputs on the PLC side.
* Even when starting two or more units simultaneously, a lag will occur during flashing or the Alarm sound.
1
2
3
Point
Screwless Terminal Block wiring method (Model
Direct Mount/ Screwless Terminal Block)
Lever
・The minus driver blade should be at least 2.5mm by 0.4mm
in size.
・Do not forcibly push the lever more than necessary with the
driver. Failure to comply may damage the unit.
・Strip 9mm (plus or minus 1mm) of wire insulation from the
wire to insert it in the Terminal Block.
・When removing the lead wire, do not just pull to remove.
(Be sure to operate the lever to release the lock.)
The driver is removed to
release the lever.(Check to
make sure the lead wire has
been locked in place.)
A minus driver etc. is used to pry the
lever slot of the Terminal Block open,
by pushing straight onto the lever slot.
The stripped side of the lead
wire is inserted in the slot.
TN
Wiring Example Index
LED Tier 1 / Input 1
/ ①
Red
FunctionName
[SignalTower]mode/[SmartMode]
Lead Wire Color
(Cable Specication)
PIN No.
(  DirectMount/
ScrewlessTerminal
BlockType
)
TN
Screwless Terminal Block Connector PIN Arrangement
(  Direct Mount/ Screwless Terminal Block Specifications)
TN
■Recommended lead wire specifications
■Alarm Sound Pattern (Factory Default)
UL1007 / UL1430
Wire Type
Alarm 1
Alarm 2
Alarm 1 and Alarm 2 Entered Simultaneously
Alarm Sound No. 2
Alarm Sound No. 9
0.5
~1.5mm2
Wire Gauge (Solid Wire)
AWG20
~16
Wire Gauge (Frayed Wire)
1
2
3
4
5
6
7
8
9 10 11
Alarm Sound No. 1
→Refertothe"Screwless
TerminalBlockconnector
PINarrangement” gureon
theright.
<Note>Theleadwirecolordoesnotindicatethe
LEDluminescencecolor.
・Temperature rating should be above 750C and the conductor material should
be of copper wire.
9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com