Electronic Components Datasheet Search
  English  ▼

X  

LA6 Datasheet(PDF) 22 Page - PATLITE CORPORATION.

Part # LA6
Description  Signal Tower
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LA6 Datasheet(HTML) 22 Page - PATLITE CORPORATION.

Back Button LA6 Datasheet HTML 18Page - PATLITE CORPORATION. LA6 Datasheet HTML 19Page - PATLITE CORPORATION. LA6 Datasheet HTML 20Page - PATLITE CORPORATION. LA6 Datasheet HTML 21Page - PATLITE CORPORATION. LA6 Datasheet HTML 22Page - PATLITE CORPORATION. LA6 Datasheet HTML 23Page - PATLITE CORPORATION. LA6 Datasheet HTML 24Page - PATLITE CORPORATION. LA6 Datasheet HTML 25Page - PATLITE CORPORATION. LA6 Datasheet HTML 26Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22/26
To change the LED color to a different preference, by pushing the Multiple-function for about 3 seconds, the expected color
status that is on (such as the 1st LED tier color) can change to the next LED tier color (such as the 2nd LED tier color) by selecting
the desired lighted state. Once the last LED tier color is changed and the Multiple-function Button is pushed about another 3
seconds, all LED color changes are complete.
5.3.2.2. Version Confirmation
To verify the firmware version, three LED tiers will flash in accordance to the current firmware version, indicated from top to
bottom. The following table indicates the meaning for each flashing LED color and the corresponding number.
LED Color
Corresponding Number
OFF
0
RED
1
AMBER
2
GREEN
3
BLUE
4
WHITE
5
PURPLE
6
PINK
7
SKY-BLUE
8
LEMON
9
The version is expressed in the order from the LED top to bottom, as shown in the figure below.
Push Button
About 3 sec.
Push Button
About 0.5 sec.
Push Button
About 0.5 sec.
The color is
entered and
the next tier is
selected
Push Button
About 0.5 sec.
Repeat for all tiers
The procedure
is completed
when the last
tier is set
Ver. .
22/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com