Electronic Components Datasheet Search
  English  ▼

X  

TMUX7201 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX7201
Description  TMUX720x 44V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7201 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX7201 Datasheet HTML 12Page - Texas Instruments TMUX7201 Datasheet HTML 13Page - Texas Instruments TMUX7201 Datasheet HTML 14Page - Texas Instruments TMUX7201 Datasheet HTML 15Page - Texas Instruments TMUX7201 Datasheet HTML 16Page - Texas Instruments TMUX7201 Datasheet HTML 17Page - Texas Instruments TMUX7201 Datasheet HTML 18Page - Texas Instruments TMUX7201 Datasheet HTML 19Page - Texas Instruments TMUX7201 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
5.14 Typical Characteristics (continued)
at TA = 25°C
Logic Voltage (V)
0
5
10
15
20
25
30
35
40
44
20
25
30
35
40
45
50
55
60
VDD = 5 V, VSS = 0 V
VDD = 5 V, VSS = -5 V
VDD = 12 V, VSS = 0 V
VDD = 15 V, VSS = -15 V
VDD = 20 V, VSS = -20 V
Figure 5-13. Supply Current vs Logic Voltage
VS - Source Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
175
200
225
250
VDD = 5 V, VSS = -5 V
VDD = 15 V, VSS = -15 V
VDD = 20 V, VSS = -20 V
Figure 5-14. Charge Injection vs Source Voltage – Dual Supplies
VD - DrainVoltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-100
-75
-50
-25
0
25
50
75
100
125
VDD = 5 V, VSS = -5 V
VDD = 15 V, VSS = -15 V
VDD = 20 V, VSS = -20 V
Figure 5-15. Charge Injection vs Drain Voltage – Dual Supplies
VS - Source Voltage (V)
0
4
8
12
16
20
24
28
32
36
-150
-110
-70
-30
10
50
90
130
170
210
250
VDD = 5 V, VSS = 0 V
VDD = 12 V, VSS = 0 V
VDD = 15 V, VSS = 0 V
VDD = 20 V, VSS = 0 V
VDD = 36 V, VSS = 0 V
Figure 5-16. Charge Injection vs Source Voltage – Single
Supplies
VD - Drain Voltage (V)
0
4
8
12
16
20
24
28
32
36
-100
-60
-20
20
60
100
140
180
VDD = 5 V, VSS = 0 V
VDD = 12 V, VSS = 0 V
VDD = 15 V, VSS = 0 V
VDD = 20 V, VSS = 0 V
VDD = 36 V, VSS = 0 V
Figure 5-17. Charge Injection vs Drain Voltage – Single Supplies
Te mperature (
C)
-40
-15
10
35
60
85
110 125
90
100
110
120
130
140
150
160
TOFF
TON
VDD = 15 V, VSS = -15 V
Figure 5-18. TON and TOFF vs Temperature
TMUX7201, TMUX7202
SCDS443C – OCTOBER 2022 – REVISED OCTOBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX7201 TMUX7202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com