Electronic Components Datasheet Search
  English  ▼

X  

TMUX7201 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX7201
Description  TMUX720x 44V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7201 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX7201 Datasheet HTML 9Page - Texas Instruments TMUX7201 Datasheet HTML 10Page - Texas Instruments TMUX7201 Datasheet HTML 11Page - Texas Instruments TMUX7201 Datasheet HTML 12Page - Texas Instruments TMUX7201 Datasheet HTML 13Page - Texas Instruments TMUX7201 Datasheet HTML 14Page - Texas Instruments TMUX7201 Datasheet HTML 15Page - Texas Instruments TMUX7201 Datasheet HTML 16Page - Texas Instruments TMUX7201 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
5.13 12V Single Supply: Switching Characteristics
VDD = +12V ± 10%, VSS = 0V, GND = 0V (unless otherwise noted)
Typical at VDD = +12V, VSS = 0V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tON
Turn-on time from control input
VS = 8V
RL = 300Ω, CL = 35pF
25°C
125
145
ns
–40°C to +85°C
160
ns
–40°C to +125°C
180
ns
tOFF
Turn-off time from control input
VS = 8V
RL = 300Ω, CL = 35pF
25°C
150
180
ns
–40°C to +85°C
205
ns
–40°C to +125°C
220
ns
tON (VDD)
Device turn on time
(VDD to output)
VDD rise time = 1µs
RL = 300Ω, CL = 35pF
–40°C to +125°C
0.2
ms
tPD
Propagation delay
RL = 50Ω , CL = 5pF
25°C
1000
ps
QINJ
Charge injection
VS = 6V, CL = 100pF
25°C
-4
pC
OISO
Off-isolation
RL = 50Ω , CL = 5pF
VS = 6V, f = 100kHz
25°C
–65
dB
OISO
Off-isolation
RL = 50Ω , CL = 5pF
VS = 6V, f = 1MHz
25°C
–45
dB
BW
–3dB Bandwidth
RL = 50Ω , CL = 5pF
VS = 6V
25°C
23
MHz
IL
Insertion loss
RL = 50Ω , CL = 5pF
VS = 6V, f = 1MHz
25°C
–0.18
dB
ACPSRR AC Power Supply Rejection Ratio
VPP = 0.62V on VDD and VSS
RL = 50Ω , CL = 5pF,
f = 1MHz
25°C
–40
dB
THD+N
Total Harmonic Distortion + Noise
VPP = 6V, VBIAS = 6V
RL = 10kΩ , CL = 5pF,
f = 20Hz to 20kHz
25°C
0.0009
%
CS(OFF)
Source off capacitance
VS = 6V, f = 1MHz
25°C
53
pF
CD(OFF)
Drain off capacitance
VS = 6V, f = 1MHz
25°C
75
pF
CS(ON),
CD(ON)
On capacitance
VS = 6V, f = 1MHz
25°C
240
pF
www.ti.com
TMUX7201, TMUX7202
SCDS443C – OCTOBER 2022 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX7201 TMUX7202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com