Electronic Components Datasheet Search
  English  ▼

X  

TMUX7201 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX7201
Description  TMUX720x 44V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7201 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7201 Datasheet HTML 17Page - Texas Instruments TMUX7201 Datasheet HTML 18Page - Texas Instruments TMUX7201 Datasheet HTML 19Page - Texas Instruments TMUX7201 Datasheet HTML 20Page - Texas Instruments TMUX7201 Datasheet HTML 21Page - Texas Instruments TMUX7201 Datasheet HTML 22Page - Texas Instruments TMUX7201 Datasheet HTML 23Page - Texas Instruments TMUX7201 Datasheet HTML 24Page - Texas Instruments TMUX7201 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
6.5 tON (VDD) Time
The tON (VDD) time is defined as the time taken by the output of the device to rise to 90% after the supply has
risen past the supply threshold. The 90% measurement is used to provide the timing of the device turning on in
the system. Figure 6-5 shows the setup used to measure turn on time, denoted by the symbol tON (VDD).
VDD
Supply
Ramp
0 V
4.5 V
tON
90%
Output
tr = 10 µs
RL
CL
VDD
VSS
VSS
0.1 µF
0.1 µF
S
GND
D
SEL
Output
0 V
VDD
VS
3 V
Figure 6-5. tON (VDD) Time Measurement Setup
6.6 Propagation Delay
Propagation delay is defined as the time taken by the output of the device to rise or fall 50% after the input
signal has risen or fallen past the 50% threshold. Figure 6-6 and Equation 1 shows the setup used to measure
propagation delay, denoted by the symbol tPD.
RL
CL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S
GND
D
Output
VS
250 mV
0 V
tPD 1
Output
0 V
Input
(VS)
tr < 40 ps
tf < 40 ps
tPD 2
50%
50%
50%
50%
50 Ω
Figure 6-6. Propagation Delay Measurement Setup
tProp Delay = max tPD 1, tPD 2
(1)
www.ti.com
TMUX7201, TMUX7202
SCDS443C – OCTOBER 2022 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7201 TMUX7202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com