Electronic Components Datasheet Search
  English  ▼

X  

TMUX7201 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMUX7201
Description  TMUX720x 44V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7201 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7201 Datasheet HTML 28Page - Texas Instruments TMUX7201 Datasheet HTML 29Page - Texas Instruments TMUX7201 Datasheet HTML 30Page - Texas Instruments TMUX7201 Datasheet HTML 31Page - Texas Instruments TMUX7201 Datasheet HTML 32Page - Texas Instruments TMUX7201 Datasheet HTML 33Page - Texas Instruments TMUX7201 Datasheet HTML 34Page - Texas Instruments TMUX7201 Datasheet HTML 35Page - Texas Instruments TMUX7201 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
9 Device and Documentation Support
9.1 Documentation Support
9.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, Improve Stability Issues with Low CON Multiplexers application brief
• Texas Instruments, Improving Signal Measurement Accuracy in Automated Test Equipment application brief
• Texas Instruments, Multiplexers and Signal Switches Glossary application note
• Texas Instruments, QFN/SON PCB Attachment application note
• Texas Instruments, Quad Flatpack No-Lead Logic Packages application note
• Texas Instruments, Simplifying Design with 1.8V logic Muxes and Switches application brief
• Texas Instruments, System-Level Protection for High-Voltage Analog Multiplexers application notes
• Texas Instruments, True Differential, 4 x 2 MUX, Analog Front End, Simultaneous-Sampling ADC Circuit
circuit design
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (June 2024) to Revision C (October 2024)
Page
• Corrected previous revision history to show open switch when TMUX7201 Logic = 1 and closed switch when
TMUX7202 Logic = 1........................................................................................................................................24
• Corrected previous revision history to show open switch when TMUX7201 Logic = 1 and closed switch when
TMUX7202 Logic = 1........................................................................................................................................27
TMUX7201, TMUX7202
SCDS443C – OCTOBER 2022 – REVISED OCTOBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX7201 TMUX7202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com