Electronic Components Datasheet Search
  English  ▼

X  

TMUX7201 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX7201
Description  TMUX720x 44V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7201 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7201 Datasheet HTML 1Page - Texas Instruments TMUX7201 Datasheet HTML 2Page - Texas Instruments TMUX7201 Datasheet HTML 3Page - Texas Instruments TMUX7201 Datasheet HTML 4Page - Texas Instruments TMUX7201 Datasheet HTML 5Page - Texas Instruments TMUX7201 Datasheet HTML 6Page - Texas Instruments TMUX7201 Datasheet HTML 7Page - Texas Instruments TMUX7201 Datasheet HTML 8Page - Texas Instruments TMUX7201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TMUX720x 44V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up
Immunity and 1.8V Logic
1 Features
• Latch-up immune
• Dual supply range: ±4.5V to ±22V
• Single supply range: 4.5V to 44V
• Low On-Resistance: 1.2Ω
• Low charge injection: −10pC
• –40°C to +125°C operating temperature
• Integrated Pull-Down resistor on logic pins
• 1.8V logic compatible
• Fail-safe logic
• Rail to rail operation
• Bidirectional signal path
• Break-before-make switching
2 Applications
• Optical networking
• Optical test equipment
• Wired networking
• Factory automation and industrial controls
• Programmable logic controllers (PLC)
• Semiconductor test
• Ultrasound scanners
• Patient monitoring and diagnostics
• Remote radio units
• Data acquisition systems
3 Description
The TMUX720x is a complementary metal-oxide
semiconductor (CMOS) switch with latch-up immunity
in a single channel, 1:1 (SPST) configuration. The
device works with a single supply (4.5V to 44V),
dual supplies (±4.5V to ±22V), or asymmetric supplies
(such as VDD = 12V, VSS = –5V). The TMUX720x
supports bidirectional analog and digital signals on the
source (S) and drain (D) pin ranging from VSS to VDD.
The TMUX720x can be enabled or disabled by
controlling the SEL pin. When disabled, both signal
path switches are off. All logic control inputs support
logic levels from 1.8V to VDD, which is compatible for
both TTL and CMOS logic when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before
the supply pin, protecting the device from potential
damage.
The TMUX72xx family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX72xx family of switches and
multiplexers to be used in harsh environments.
Device Information
PART NUMBER
ACTIVE LOGIC
PACKAGE(1)
TMUX7201
Active Low
DGK (VSSOP, 8)
RQX (WQFN, 8)
TMUX7202
Active High
(1)
For more information, see Section 11.
S
VDD
VSS
SW
SEL
S
D
VDD
VSS
SW
SEL
D
TMUX7201
(SELx = Logic 1)
TMUX7202
(SELx = Logic 1)
Block Diagram
TMUX7201, TMUX7202
SCDS443C – OCTOBER 2022 – REVISED OCTOBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX7201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
More results

Similar Description - TMUX7201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8212 TI-TMUX8212_V02 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7221 TI-TMUX7221 Datasheet
1Mb / 36P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
FEBRUARY 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com