Electronic Components Datasheet Search
  English  ▼

X  

TMUX7201 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX7201
Description  TMUX720x 44V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7201 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX7201 Datasheet HTML 22Page - Texas Instruments TMUX7201 Datasheet HTML 23Page - Texas Instruments TMUX7201 Datasheet HTML 24Page - Texas Instruments TMUX7201 Datasheet HTML 25Page - Texas Instruments TMUX7201 Datasheet HTML 26Page - Texas Instruments TMUX7201 Datasheet HTML 27Page - Texas Instruments TMUX7201 Datasheet HTML 28Page - Texas Instruments TMUX7201 Datasheet HTML 29Page - Texas Instruments TMUX7201 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
7.3.7 Ultra-Low Charge Injection
Figure 7-1 shows how the TMUX720x devices have a transmission gate topology. Any mismatch in the stray
capacitance associated with the NMOS and PMOS causes an output level change whenever the switch is
opened or closed.
S
D
C
GDP
C
GDN
C
GSN
C
GSP
OFF
ON
OFF ON
Figure 7-1. Transmission Gate Topology
The TMUX720x contains specialized architecture to reduce charge injection on the Drain (Dx). To further reduce
charge injection in a sensitive application, a compensation capacitor (Cp) can be added on the Source (S).
By design, the excess charge from the switch transition will be pushed into the compensation capacitor on
the Source (S) instead of the Drain (D). As a general rule, Cp should be 20x larger than the equivalent load
capacitance on the Drain (D). Figure 7-2 shows charge injection variation with different compensation capacitors
on the Source side. This plot was captured on the TMUX7219 as part of the TMUX72xx family with a 100pF load
capacitance.
Figure 7-2. Charge Injection Compensation
TMUX7201, TMUX7202
SCDS443C – OCTOBER 2022 – REVISED OCTOBER 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX7201 TMUX7202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com