Electronic Components Datasheet Search
  English  ▼

X  

DAC8565 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC8565 Datasheet HTML 31Page - Texas Instruments DAC8565 Datasheet HTML 32Page - Texas Instruments DAC8565 Datasheet HTML 33Page - Texas Instruments DAC8565 Datasheet HTML 34Page - Texas Instruments DAC8565 Datasheet HTML 35Page - Texas Instruments DAC8565 Datasheet HTML 36Page - Texas Instruments DAC8565 Datasheet HTML 37Page - Texas Instruments DAC8565 Datasheet HTML 38Page - Texas Instruments DAC8565 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Load Regulation
Thermal Hysteresis
V
=
HYST
´ 10 (ppm/ C)
°
6
|V
V
|
-
REF_PRE
REF_POST
V
REF_NOM
(3)
DAC NOISE PERFORMANCE
OutputPin
Meter
Load
ForceLine
SenseLine
Contactand
TraceResistance
I
L
V
OUT
Long-Term Stability
DAC7565
www.ti.com ............................................................................................................................................... SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008
Load regulation is defined as the change in reference
Thermal hysteresis for a reference is defined as the
output voltage as a result of changes in load current.
change in output voltage after operating the device at
The load regulation of the internal reference is
+25
°C, cycling the device through the operating
measured using force and sense contacts as shown
temperature
range,
and
returning
to
+25
°C.
in Figure 98. The force and sense lines reduce the
Hysteresis is expressed by Equation 3:
impact of contact and trace resistance, resulting in
accurate
measurement
of
the
load
regulation
contributed
solely
by
the
internal
reference.
Measurement results are summarized in the Typical
Characteristics. Force and sense lines should be
Where:
used for applications that require improved load
VHYST = thermal hysteresis.
regulation.
VREF_PRE = output voltage measured at +25°C
pre-temperature cycling.
VREF_POST = output voltage measured after the
device cycles through the temperature range of
–40
°C to +120°C, and returns to +25°C.
Typical noise performance for the DAC7565 with the
internal reference enabled is shown in Figure 54 to
Figure 56. Output noise spectral density at the VOUT
pin versus frequency is depicted in Figure 54 for
full-scale, midscale, and zero-scale input codes. The
Figure 98. Accurate Load Regulation of the
typical noise density for midscale code is 120nV/
√Hz
DAC7565 Internal Reference
at 1kHz and 100nV/
√Hz at 1MHz. High-frequency
noise can be improved by filtering the reference noise
as shown in Figure 55, where a 4.8
µF load capacitor
is
connected
to
the
VREFH/VREFOUT pin and
Long-term stability/aging refers to the change of the
compared to the no-load condition. Integrated output
output voltage of a reference over a period of months
noise between 0.1Hz and 10Hz is close to 6
µV
PP
or years. This effect lessens as time progresses (see
(midscale), as shown in Figure 56.
Figure 6, the typical long-term stability curve). The
typical drift value for the internal reference is 50ppm
from 0 hours to 1900 hours. This parameter is
characterized by powering-up and measuring 20 units
at regular intervals for a period of 1900 hours.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com