Electronic Components Datasheet Search
  English  ▼

X  

DAC8565 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 4 Page - Texas Instruments

  DAC8565 Datasheet HTML 1Page - Texas Instruments DAC8565 Datasheet HTML 2Page - Texas Instruments DAC8565 Datasheet HTML 3Page - Texas Instruments DAC8565 Datasheet HTML 4Page - Texas Instruments DAC8565 Datasheet HTML 5Page - Texas Instruments DAC8565 Datasheet HTML 6Page - Texas Instruments DAC8565 Datasheet HTML 7Page - Texas Instruments DAC8565 Datasheet HTML 8Page - Texas Instruments DAC8565 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
DAC7565
SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008 ............................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At AVDD = 2.7V to 5.5V and –40°C to +105°C range (unless otherwise noted).
DAC7565
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE OUTPUT
Output voltage
TA = +25°C
2.4995
2.5
2.5005
V
Initial accuracy
TA = +25°C
–0.02
±0.004
0.02
%
DAC7565A(3)
5
25
Output voltage temperature drift
ppm/
°C
DAC7565C(4)
2
5
Output voltage noise
f = 0.1Hz to 10Hz
12
µV
PP
TA = +25°C, f = 1MHz, CL = 0µF
50
Output voltage noise density
TA = +25°C, f = 1MHz, CL = 1µF
20
nV/
√Hz
(high-frequency noise)
TA = +25°C, f = 1MHz, CL = 4µF
16
Load regulation, sourcing(5)
TA = +25°C
30
µV/mA
Load regulation, sinking(5)
TA = +25°C
15
µV/mA
Output current load capability(6)
±20
mA
Line regulation
TA = +25°C
10
µV/V
Long-term stability/drift (aging)(5)
TA = +25°C, time = 0 to 1900 hours
50
ppm
First cycle
100
Thermal hysteresis(5)
ppm
Additional cycles
25
LOGIC INPUTS(6)
Input current
±1
µA
2.7V
≤ IOVDD ≤ 5.5V
0.3
× IOV
DD
VINL
Logic input LOW voltage
V
1.8V
≤ IOVDD ≤ 2.7V
0.1
× IOV
DD
2.7V
≤ IOVDD ≤ 5.5V
0.7
× IOV
DD
VINH
Logic input HIGH voltage
V
1.8V
≤ IOVDD ≤ 2.7V
0.95
× IOV
DD
Pin capacitance
3
pF
POWER REQUIREMENTS
AVDD
2.7
5.5
V
IOVDD
1.8
5.5
V
IOIDD
(6)
10
20
µA
AVDD = IOVDD = 3.6V to 5.5V
1
1.6
VINH = IOVDD and VINL = GND
Normal mode
mA
AVDD = IOVDD = 2.7V to 3.6V
0.95
1.5
VINH = IOVDD and VINL = GND
IDD
(7)
AVDD = IOVDD = 3.6V to 5.5V
1.3
3.5
VINH = IOVDD and VINL = GND
All power-down modes
µA
AVDD = IOVDD = 2.7V to 3.6V
0.5
2.5
VINH = IOVDD and VINL = GND
AVDD = IOVDD = 3.6V to 5.5V
3.6
8.8
VINH = IOVDD and VINL = GND
Normal mode
mW
AVDD = IOVDD = 2.7V to 3.6V
2.6
5.4
VINH = IOVDD and VINL = GND
Power
Dissipation (7)
AVDD = IOVDD = 3.6V to 5.5V
4.7
19
VINH = IOVDD and VINL = GND
All power-down modes
µW
AVDD = IOVDD = 2.7V to 3.6V
1.4
9
VINH = IOVDD and VINL = GND
TEMPERATURE RANGE
Specified performance
–40
+105
°C
(3)
Reference is trimmed and tested at room temperature, and is characterized from –40
°C to +120°C.
(4)
Reference is trimmed and tested at two temperatures (+25
°C and +105°C), and is characterized from –40°C to +120°C.
(5)
Explained in more detail in the Application Information section of this data sheet.
(6)
Ensured by design or characterization; not production tested.
(7)
Input code = 2048, reference current included, no load.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com