Electronic Components Datasheet Search
  English  ▼

X  

DAC8565 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC8565 Datasheet HTML 22Page - Texas Instruments DAC8565 Datasheet HTML 23Page - Texas Instruments DAC8565 Datasheet HTML 24Page - Texas Instruments DAC8565 Datasheet HTML 25Page - Texas Instruments DAC8565 Datasheet HTML 26Page - Texas Instruments DAC8565 Datasheet HTML 27Page - Texas Instruments DAC8565 Datasheet HTML 28Page - Texas Instruments DAC8565 Datasheet HTML 29Page - Texas Instruments DAC8565 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
INTERNAL REFERENCE
V
REF
R
1
1
Q
2
N
Q
1
R
2
Reference
Disable
Enable/Disable Internal Reference
DAC7565
SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008 ............................................................................................................................................... www.ti.com
The DAC7565 includes a 2.5V internal reference that
is enabled by default. The internal reference is
externally available at the VREFH/VREFOUT pin. A
minimum 100nF capacitor is recommended between
the reference output and GND for noise filtering.
The internal reference of the DAC7565 is a bipolar
transistor-based,
precision
bandgap
voltage
reference. Figure 94 shows the basic bandgap
topology. Transistors Q1 and Q2 are biased such that
the current density of Q1 is greater than that of Q2.
The difference of the two base-emitter voltages
(VBE1 – VBE2) has a positive temperature coefficient
and is forced across resistor R1. This voltage is
gained up and added to the base-emitter voltage of
Q2, which has a negative temperature coefficient. The
resulting output voltage is virtually independent of
Figure 94. Simplified Schematic of the Bandgap
temperature. The short-circuit current is limited by
Reference
design to approximately 100mA.
To then enable the internal reference, either perform
a power-cycle to reset the device, or write the 24-bit
The internal reference in the DAC7565 is enabled by
serial command shown in Table 3. These actions put
default and operates in automatic mode; however, the
the internal reference back into the default mode. In
reference can be disabled for debugging, evaluation
the default mode, the internal reference powers down
purposes, or when using an external reference. A
automatically when all DACs power down in any of
serial command that requires a 24-bit write sequence
the power-down modes (see the Power-Down Modes
(see the Serial Interface section) must be used to
section);
the
internal
reference
powers
up
disable the internal reference, as shown in Table 2.
automatically when any DAC is powered up.
During the time that the internal reference is disabled,
the
DAC
functions
normally
using
an
external
The DAC7565 also provides the option of keeping the
reference. At this point, the internal reference is
internal reference powered on all the time, regardless
disconnected from the VREFH/VREFOUT pin (3-state
of the DAC(s) state (powered up or down). To keep
output). Do not attempt to drive the VREFH/VREFOUT
the internal reference powered on, regardless of the
pin externally and internally at the same time
DAC(s) state, write the 24-bit serial command shown
indefinitely.
in Table 4.
Table 2. Write Sequence for Disabling Internal Reference
(internal reference always powered down—012000h)
DB23
DB16
DB13
DB0
0
0
0
0
0
0
0
1
0
0
1
0
0
0
0
0
0
0
0
0
X
X
X
X
|————————————— Data Bits —————————————|
Table 3. Write Sequence for Enabling Internal Reference
(internal reference powered up to default mode—010000h)
DB23
DB16
DB0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
X
X
X
X
|————————————— Data Bits —————————————|
Table 4. Write Sequence for Enabling Internal Reference
(internal reference always powered up—011000h)
DB23
DB16
DB12
DB0
0
0
0
0
0
0
0
1
0
0
0
1
0
0
0
0
0
0
0
0
X
X
X
X
|————————————— Data Bits —————————————|
26
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com