Electronic Components Datasheet Search
  English  ▼

X  

DAC8565 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC8565 Datasheet HTML 24Page - Texas Instruments DAC8565 Datasheet HTML 25Page - Texas Instruments DAC8565 Datasheet HTML 26Page - Texas Instruments DAC8565 Datasheet HTML 27Page - Texas Instruments DAC8565 Datasheet HTML 28Page - Texas Instruments DAC8565 Datasheet HTML 29Page - Texas Instruments DAC8565 Datasheet HTML 30Page - Texas Instruments DAC8565 Datasheet HTML 31Page - Texas Instruments DAC8565 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
DAC7565
SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008 ............................................................................................................................................... www.ti.com
LD1 (DB21) and LD0 (DB20) control the loading of
DB21 = 0 and DB20 = 1: Single-channel update.
each analog output with the specified 12-bit data
The data buffer and DAC register corresponding to a
value or power-down command. Bit DB19 must
DAC selected by DB18 and DB17 update with the
always be '0'. The DAC channel select bits (DB18,
contents of SR data (or power-down).
DB17)
control
the
destination
of
the
data
(or
DB21 = 1 and DB20 = 0: Simultaneous update. A
power-down command) from DAC A through DAC D.
channel selected by DB18 and DB17 updates with
The final control bit, PD0 (DB16), selects the
the SR data; simultaneously, all the other channels
power-down mode of the DAC7565 channels as well
update with previously stored data (or power-down)
as the power-down mode of the internal reference.
from data buffers.
The DAC7565 supports a number of different load
DB21 = 1 and DB20 = 1: Broadcast update. If
commands. The load commands include broadcast
DB18 = 0, then SR data are ignored and all channels
commands to address all the DAC7565s on an SPI
are
updated
with
previously
stored
data
(or
bus. The load commands are summarized as follows:
power-down). If DB18 = 1, then SR data (or
power-down) updates all channels. Refer to Table 6
DB21 = 0 and DB20 = 0: Single-channel store. The
for more information.
data buffer corresponding to a DAC selected by
DB18 and DB17 updates with the contents of SR
data (or power-down).
Table 6. Control Matrix for the DAC7565
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13-DB4
DB3-DB0
0
0
LD 1
LD 0
0
DAC Sel 1
DAC Sel 0
PD0
MSB
MSB-1
MSB-2...LSB
Don't Care
DESCRIPTION
0
0
0
0
0
0
Data
X
Write to buffer A with data
0
0
0
0
1
0
Data
X
Write to buffer B with data
0
0
0
1
0
0
Data
X
Write to buffer C with data
0
0
0
1
1
0
Data
X
Write to buffer D with data
Write to buffer (selected by DB17 and DB18) with
0
0
0
(00, 01, 10, or 11)
1
See Table 7
0
X
power-down command
Write to buffer with data and load DAC (selected
0
1
0
(00, 01, 10, or 11)
0
Data
X
by DB17 and DB18)
Write to buffer with power-down command and
0
1
0
(00, 01, 10, or 11)
1
See Table 7
0
X
load DAC (selected by DB17 and DB18)
Write to buffer with data (selected by DB17 and
1
0
0
(00, 01, 10, or 11)
0
Data
X
DB18) and then load all DACs simultaneously
from their corresponding buffers
Write to buffer with power-down command
(selected by DB17 and DB18) and then load all
1
0
0
(00, 01, 10, or 11)
1
See Table 7
0
X
DACs simultaneously from their corresponding
buffers
Broadcast Modes
0
Simultaneously update all channels of DAC7565
X
X
1
1
0
X
X
X
X
with data stored in each channels temporary
register
Write to all channels and load all DACs with SR
X
X
1
1
0
1
X
0
Data
X
data
Write to all channels and load all DACs with
X
X
1
1
0
1
X
1
See Table 7
0
X
power-down command in SR
28
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com