Electronic Components Datasheet Search
  English  ▼

X  

DAC8565 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC8565 Datasheet HTML 21Page - Texas Instruments DAC8565 Datasheet HTML 22Page - Texas Instruments DAC8565 Datasheet HTML 23Page - Texas Instruments DAC8565 Datasheet HTML 24Page - Texas Instruments DAC8565 Datasheet HTML 25Page - Texas Instruments DAC8565 Datasheet HTML 26Page - Texas Instruments DAC8565 Datasheet HTML 27Page - Texas Instruments DAC8565 Datasheet HTML 28Page - Texas Instruments DAC8565 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC
Register
REF(+)
ResistorString
REF( )
-
V
L
REF
V
H
REF
V
OUTX
62kW
50kW
50kW
V
=
OUTX
D
IN
4096
2 ´
´
V
V
V
REF
REF
REF
L+(
H
L)
-
(1)
DATA FORMAT
V
REF
R
R
R
R
V
REF
2
R
DIVIDER
ToOutputAmplifier
(2xGain)
OUTPUT AMPLIFIER
RESISTOR STRING
DAC7565
www.ti.com ............................................................................................................................................... SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008
code loaded into the DAC register determines at
which node on the string the voltage is tapped off to
be fed into the output amplifier by closing one of the
The DAC7565 architecture consists of a string DAC
switches connecting the string to the amplifier. It is
followed by an output buffer amplifier. Figure 92
monotonic because it is a string of resistors.
shows a block diagram of the DAC architecture.
Figure 92. DAC7565 Architecture
The input coding to the DAC7565 can be straight
binary or two's complement, so the ideal output
voltage is given by Equation 1.
where DIN = decimal equivalent of the binary code
that is loaded to the DAC register; it can range from 0
to 4095. X represents channel A, B, C, or D.
The data format can be straight binary or two’s
complement.
Table
1
illustrates
the
differences
between USB (unsigned straight binary) and BTC
(binary two’s complement) data formats.
Table 1. USB and BTC Codes
USB CODE
BTC CODE
DESCRIPTION
Figure 93. Resistor String
0FFFh
07FFh
+Full-Scale – 1LSB
...
0801h
0001h
Midscale + 1LSB
0800h
0000h
Midscale
The output buffer amplifier is capable of generating
07FFh
0FFFh
Midscale – 1LSB
rail-to-rail voltages on its output, giving an output
...
range of 0V to AVDD. It is capable of driving a load of
2k
Ω in parallel with 1000pF to GND. The source and
0000h
0800h
Zero Scale
sink capabilities of the output amplifier can be seen in
the Typical Characteristics. The slew rate is 2.2V/
µs,
with a full-scale settling time of 8
µs with the output
The resistor string section is shown in Figure 93. It is
unloaded.
simply a string of resistors, each of value R. The
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com