Electronic Components Datasheet Search
  English  ▼

X  

DAC8565 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC8565 Datasheet HTML 15Page - Texas Instruments DAC8565 Datasheet HTML 16Page - Texas Instruments DAC8565 Datasheet HTML 17Page - Texas Instruments DAC8565 Datasheet HTML 18Page - Texas Instruments DAC8565 Datasheet HTML 19Page - Texas Instruments DAC8565 Datasheet HTML 20Page - Texas Instruments DAC8565 Datasheet HTML 21Page - Texas Instruments DAC8565 Datasheet HTML 22Page - Texas Instruments DAC8565 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
TYPICAL CHARACTERISTICS: DAC at AVDD = 2.7V
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelA,AV
=2.7V,InternalV
=2.5V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelB,AV
=2.7V,InternalV
=2.5V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelC,AV
=2.7V,InternalV
=2.5V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelD,AV
=2.7V,InternalV
=2.5V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelA,AV
=2.7V,InternalV
=2.5V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelB,AV
=2.7V,InternalV
=2.5V
DD
REF
DAC7565
www.ti.com ............................................................................................................................................... SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008
At TA = +25°C, internal reference used, and DAC output not loaded, all DAC codes in straight binary data format, unless
otherwise noted
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (–40
°C)
vs DIGITAL INPUT CODE (–40
°C)
Figure 60.
Figure 61.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (–40
°C)
vs DIGITAL INPUT CODE (–40
°C)
Figure 62.
Figure 63.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (+25
°C)
vs DIGITAL INPUT CODE (+25
°C)
Figure 64.
Figure 65.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com