Electronic Components Datasheet Search
  English  ▼

X  

DAC8565 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC8565 Datasheet HTML 36Page - Texas Instruments DAC8565 Datasheet HTML 37Page - Texas Instruments DAC8565 Datasheet HTML 38Page - Texas Instruments DAC8565 Datasheet HTML 39Page - Texas Instruments DAC8565 Datasheet HTML 40Page - Texas Instruments DAC8565 Datasheet HTML 41Page - Texas Instruments DAC8565 Datasheet HTML 42Page - Texas Instruments DAC8565 Datasheet HTML 43Page - Texas Instruments DAC8565 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Power-Supply Rejection Ratio (PSRR)
Channel-to-Channel DC Crosstalk
Monotonicity
Channel-to-Channel AC Crosstalk
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio (SNR)
Slew Rate
Total Harmonic Distortion (THD)
SR=max
DV
(t)
OUT
Dt
Output Voltage Settling Time
Spurious-Free Dynamic Range (SFDR)
Code Change/Digital-to-Analog Glitch Energy
Signal-to-Noise plus Distortion (SINAD)
Digital Feedthrough
DAC7565
SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008 ............................................................................................................................................... www.ti.com
Power-supply rejection ratio (PSRR) is defined as the
Channel-to-channel dc crosstalk is defined as the dc
ratio of change in output voltage to a change in
change in the output level of one DAC channel in
supply voltage for a full-scale output of the DAC. The
response to a change in the output of another DAC
PSRR of a device indicates how the output of the
channel. It is measured with a full-scale output
DAC is affected by changes in the supply voltage.
change on one DAC channel, while monitoring
PSRR is measured in decibels (dB).
another DAC channel remains at midscale; it is
expressed in LSB.
Monotonicity is defined as a slope whose sign does
not change. If a DAC is monotonic, the output
AC crosstalk in a multi-channel DAC is defined as the
changes in the same direction or remains at least
amount of ac interference experienced on the output
constant for each step increase (or decrease) in the
of a channel at a frequency (f) (and its harmonics),
input code.
when the output of an adjacent channel changes its
value at the rate of frequency (f). It is measured with
one channel output oscillating with a sine wave of
1kHz frequency while monitoring the amplitude of
Dynamic performance parameters are specifications
1kHz harmonics on an adjacent DAC channel output
such as settling time or slew rate, which are important
(kept at zero scale); it is expressed in dB.
in applications where the signal rapidly changes
and/or high frequency signals are present.
Signal-to-noise ratio (SNR) is defined as the ratio of
the root mean-squared (RMS) value of the output
The output slew rate (SR) of an amplifier or other
signal divided by the RMS values of the sum of all
electronic circuit is defined as the maximum rate of
other spectral components below one-half the output
change of the output voltage for all possible input
frequency, not including harmonics or dc. SNR is
signals.
measured in dB.
Total harmonic distortion + noise is defined as the
Where
ΔVOUT(t) is the output produced by the
ratio of the RMS values of the harmonics and noise
amplifier as a function of time t.
to the value of the fundamental frequency. It is
expressed in a percentage of the fundamental
frequency amplitude at sampling rate fS.
Settling time is the total time (including slew time) for
the DAC output to settle within an error band around
its final value after a change in input. Settling times
Spurious-free dynamic range (SFDR) is the usable
are specified to within ±0.003% (or whatever value is
dynamic range of a DAC before spurious noise
specified) of full-scale range (FSR).
interferes or distorts the fundamental signal. SFDR is
the measure of the difference in amplitude between
the fundamental and the largest harmonically or
non-harmonically related spur from dc to the full
Digital-to-analog glitch impulse is the impulse injected
Nyquist bandwidth (half the DAC sampling rate, or
into the analog output when the input code in the
fS/2). A spur is any frequency bin on a spectrum
DAC register changes state. It is normally specified
analyzer, or from a Fourier transform, of the analog
as the area of the glitch in nanovolts-second (nV-s),
output of the DAC. SFDR is specified in decibels
and is measured when the digital input code changes
relative to the carrier (dBc).
by 1LSB at the major carry transition.
SINAD includes all the harmonic and outstanding
Digital feedthrough is defined as impulse seen at the
spurious components in the definition of output noise
output of the DAC from the digital inputs of the DAC.
power in addition to quantizing any internal random
It is measured when the DAC output is not updated. It
noise power. SINAD is expressed in dB at a specified
is specified in nV-s, and measured with a full-scale
input frequency and sampling rate, fS.
code change on the data bus; that is, from all '0's to
all '1's and vice versa.
40
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com