Electronic Components Datasheet Search
  English  ▼

X  

AS5134 Datasheet(PDF) 10 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 10 Page - ams AG

Back Button AS5134 Datasheet HTML 6Page - ams AG AS5134 Datasheet HTML 7Page - ams AG AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG AS5134 Datasheet HTML 10Page - ams AG AS5134 Datasheet HTML 11Page - ams AG AS5134 Datasheet HTML 12Page - ams AG AS5134 Datasheet HTML 13Page - ams AG AS5134 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
10 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
Serial 2-Wire Connection (R/W Mode)
By connecting the configuration input C2 to VDD, the AS5134 is configured to 2-wire data transmission mode. Only
Clock (DCLK) and Data (DIO) signals are required. A Chip Select (CS) signal is automatically generated by the DX
output, when a time-out of DCLK occurs (typ. 20µs).
Note: Read-only mode is also possible in this configuration.
Figure 5. 2-Wire R/W Mode
Table 6. 2-or 3-wire Read-only Serial Bit Sequence (21bit read)
Read
D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
0
0
0
C2 lock
AGC
Angle
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
7
21
20
D15
D14
D1
D0
DCLK
DIO
CS
DIO
command phase
data phase
t1
t9
t10
DIO read
DIO write
8
D13
D12
+5V
VDD
VDD
DCLK
DIO
VSS
VSS
C2
100n
VSS
VDD
I/O
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com