Electronic Components Datasheet Search
  English  ▼

X  

AS5134 Datasheet(PDF) 24 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 24 Page - ams AG

Back Button AS5134 Datasheet HTML 20Page - ams AG AS5134 Datasheet HTML 21Page - ams AG AS5134 Datasheet HTML 22Page - ams AG AS5134 Datasheet HTML 23Page - ams AG AS5134 Datasheet HTML 24Page - ams AG AS5134 Datasheet HTML 25Page - ams AG AS5134 Datasheet HTML 26Page - ams AG AS5134 Datasheet HTML 27Page - ams AG AS5134 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
24 - 29
AS5134
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Multiturn Counter
8-bit (+127/-128 turns). Optional: >8-bit (tbd)
Automatically updated during active mode at every 360º-/0º-
transition in each rotating direction.
The multiturn counter can be accessed over the serial interface
and is reset with a power-on-reset.
It will be frozen at the last valid state in low power mode.
Low power mode
Non-operational. Last status is frozen in Low power mode to
allow low power consumption and fast startup from low power
mode to operating mode.
Serial interface is active in low power mode to allow wakeup
over the serial interface.
PWM, incremental and BLDC outputs are invalid in low power
mode, they remain at their last valid state.
Current consumption in low power mode: typ. 30µA
PWM output
2µs / step. 360º angle range in all modes.
Minimum pos. pulse width (@0º) = 16us (8 LSB; tbd)
Minimum neg. pulse width (@359º) = 16us (8 LSB; tbd)
Pulse width @0º = 16µs, Pause = 736µs
Pulse width @1º = 18µs, Pause = 734µs
Pulse width @2º = 20µs, Pause = 732µs
………..
Pulse width @359º = 736µs, Pause = 16µs
In case of an error (LOCK = Low), the pulse width is
8 µs (4 LSB), pause = 744µs for all angles.
Interface hardware
Incremental ABI interface: 3 pins
BLDC UWV interface: 3 pins
Absolute interface: 2 or 3 pins
All outputs are available at the same time on separate pins
Maximum speed; no missing codes
30,000 rpm
Alignment tolerance
+/- 0.25 mm (reference to package center)
Normal operating Current consumption
Typ 14mA; max 22mA
Power-Up time
≤1.3 ms from cold start (no AGC),
≤4.1ms from cold start (AGC locked)
<0.5ms from low power mode
Serial Interface read options
360-step Angle (9-bit), 6-bit AGC, 8-bit Multiturn,
ADC Lock, (tbd)
Zero Position Programming
in OTP
Serial interface program options
Incremental mode(quad ABI, step/dir)
BLDC pole pairs (1,2,3,4,5,6)
Zero Position
Hall sensor sensitivity
Serial interface write options (temporary write; will
be lost with POR)
Incremental mode(quad ABI, step/dir)
BLDC pole pairs (1,2,3,4,5,6)
Zero Position
Hall sensor sensitivity
Multiturn counter reset to 00
Low power mode (on/off)
Table 10. Parameter and Features List
Parameter
AS5134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com