Electronic Components Datasheet Search
  English  ▼

X  

AS5134 Datasheet(PDF) 11 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 11 Page - ams AG

Back Button AS5134 Datasheet HTML 7Page - ams AG AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG AS5134 Datasheet HTML 10Page - ams AG AS5134 Datasheet HTML 11Page - ams AG AS5134 Datasheet HTML 12Page - ams AG AS5134 Datasheet HTML 13Page - ams AG AS5134 Datasheet HTML 14Page - ams AG AS5134 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
11 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
Serial 2-Wire Differential SSI Connection
With the addition of a RS-422 / RS-485 transceiver, a fully differential data transmission, according to the 21-bit SSI
interface standard is possible. To be compatible with this standard, the DCLK signal must be inverted. This is done by
reversing the Data+ and Data- lines of the transceiver.
Note: This type of transmission is read-only.
Figure 6. 2-Wire SSI Read-only Mode
1
2
3
4
5
67
D15
D14
D1
D0
DCLK
DIO
CS
DIO
command phase
data phase
t1
DIO read
DIO write
8
DX
CMD4
CMD3
CMD2
CMD1
CMD0
22
timeout phase
tTO
t0
t5
t6
+5V
VDD
VDD
DCLK
DIO
VSS
VSS
C2
100n
VSS
VDD
Input
Output
DCLK
DI
D+
D-
D+
D-
D-
D-
D+
D+
MAX 3081 or similar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com