Electronic Components Datasheet Search
  English  ▼

X  

AS5134 Datasheet(PDF) 26 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 26 Page - ams AG

Back Button AS5134 Datasheet HTML 21Page - ams AG AS5134 Datasheet HTML 22Page - ams AG AS5134 Datasheet HTML 23Page - ams AG AS5134 Datasheet HTML 24Page - ams AG AS5134 Datasheet HTML 25Page - ams AG AS5134 Datasheet HTML 26Page - ams AG AS5134 Datasheet HTML 27Page - ams AG AS5134 Datasheet HTML 28Page - ams AG AS5134 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
26 - 29
AS5134
Data Sheet - P a c k age Drawin gs an d Ma rkings
9 Package Drawings and Markings
The device is available in a 20pin SSOP package.
Figure 18. 20-pin SSOP Package Drawings
Table 11. 20-pin SSOP Package Dimensions
Symbol
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.73
1.86
1.99
0.068
0.073
0.078
A1
0.05
0.13
0.21
0.002
0.005
0.008
A2
1.68
1.73
1.78
0.066
0.068
0.070
b
0.25
-
0.38
0.010
-
0.015
D
7.07
7.20
7.33
0.278
0.284
0.289
E
5.20
5.30
5.38
0.205
0.209
0.212
e
0.65 BSC
0.0256 BSC
H
7.65
7.80
7.90
0.301
0.307
0.311
K0º
4º
8º
0º
4º
8º
L
0.63
0.75
0.95
0.025
0.030
0.037
X
-
(10-1)*e + b
-
-
(10-1)e + b
-
L
K
e
A1
A2
b
A
PIN 1 Identification
X
D
AYWWIZZ
AS 5134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com