Electronic Components Datasheet Search
  English  ▼

X  

AS5134 Datasheet(PDF) 12 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 12 Page - ams AG

Back Button AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG AS5134 Datasheet HTML 10Page - ams AG AS5134 Datasheet HTML 11Page - ams AG AS5134 Datasheet HTML 12Page - ams AG AS5134 Datasheet HTML 13Page - ams AG AS5134 Datasheet HTML 14Page - ams AG AS5134 Datasheet HTML 15Page - ams AG AS5134 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
12 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
1-Wire PWM Connection
This configuration uses the least number of wires: only one line (PWM) is used for data, leaving the total number of
connection to three, including the supply lines. This type of configuration is especially useful for remote sensors. Ultra
Low Power Mode is not possible in this configuration, as there is no bi-directional data transmission. If the AS5134
angular data is invalid, the PWM output will remain at low state. Pins that are not shown may be left open.
Figure 7. Data Transmission with Pulse Width Modulated (PWM) Output
Analog Output
This configuration is similar to the PWM connection (only three lines including supply are required). With the addition of
a lowpass filter at the PWM output, this configuration produces an analog voltage that is proportional to the angle. This
filter can be either passive (as shown in Figure 8) or active. The lower the bandwidth of the filter, the less ripple of the
analog output can be achieved. If the AS5134 angular data is invalid, the PWM output will remain at low state and thus
the analog output will be 0V. Pins that are not shown may be left open.
Read
D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
0
0
0
C2 lock
AGC
Angle
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
7
8
20
21
D15
D14
D1
D0
timeout
tTO
DCLK
DI
+5V
VDD
AS5134
Micro Controller
VDD
PWM
VSS
VSS
CS
100n
VSS
VDD
Input
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com