Electronic Components Datasheet Search
  English  ▼

X  

AS5134 Datasheet(PDF) 15 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 15 Page - ams AG

Back Button AS5134 Datasheet HTML 11Page - ams AG AS5134 Datasheet HTML 12Page - ams AG AS5134 Datasheet HTML 13Page - ams AG AS5134 Datasheet HTML 14Page - ams AG AS5134 Datasheet HTML 15Page - ams AG AS5134 Datasheet HTML 16Page - ams AG AS5134 Datasheet HTML 17Page - ams AG AS5134 Datasheet HTML 18Page - ams AG AS5134 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
15 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
Serial Synchronous Interface (SSI)
Notes:
1. Empty fields should be described with “logical 0”.
2. The lock_adc signal indicates that the tracking adc is in a locked status – remark, that for valid angle condi-
tions the magnetic field has to be in a certain range which is indicated by the agc_counter value.
3. These bits will be deleted during power down or sleep mode to ensure that the user is able to detect that the
read out angle value is computed after the wake up sequence.
EN PROG: Enables the access to the OTP register.
WRITE CONFIG: go2sleep HI activates the sleep mode of the AS5134. The power consumption is significantly
reduced. go2sleep LO returns to normal operation mode. During sleep mode, the lock bit in command 0 and command
1 is LO.
RD_MT Counter: Command for read out of multi turn register (multiturn) and AGC value (agc). “Lock” indicates a
locked ADC, and “parity” refers to an even parity checksum.
RD_ANGLE: Command for read out of angle value and AGC value (agc). “Lock” indicates a locked ADC, and “parity”
refers to an even parity checksum.
WRITE OTP: Writing of the OTP register. The written data is volatile. “Zero Angle” is the angle, which is set for zero
position. “Wake enable” enables the polling mode. “Sensitivity” is the gain setting in the signal path. “Redundancy” is
the number of bits, which allows the customer to overwrite one of the customer OTP bits <0:11>.
PROG_OTP: Programming of the OTP register. Only Bits <0:15> can be programmed by the customer.
READ_OTP: Read out the content of the OTP register. Data written by WRITE_OTP and PROG_OTP is read out.
READ ANA: Analog read out mode. The analog value of every OTP bit is available at pin 2 (PROG), which allows for
a verification of the fuse process. No data is available at the SSI.
Table 7. Commands of the SSI in Normal Mode
Digital interface @ normal mode
#
cmd
bin
mode
15
14
13
12
11
10
9
8
7
6
5 4 3 2 1 0
23 WRITE CONFIG 1
10111
write
LP
gen_rst MTC2 (*) MTC1 (*) Hyst<1:0> analog
Sig
AGC_mux
AGC2
PWM
20 SET MT COUNTER 10100
write
multi-turn-counter <8:0>
19 SET AGC
10011
write
agc_code <2:0>
agc_tst_value <5:0>
16 EN PROG
10000
write
1
0
0
0
1
1
0
0
1
0
1 0 1 1 1 0
4 RD MT COUNTER
00100
read
multi-turn-counter <8:0>
ez_error
0 RD_ANGLE
00000
read
lock_adc
agc <5:0>
angle <8:0>
Table 8. Commands of the SSI in Extended Mode
Digital interface @ extended mode
number of bits
2
18
1
1
4
2
1
4
2
3
1
4
1
2
2
3
9
#
cmd
bin
mode 61..
60
59..
42
41
40
39..
36
35..
32
31
30..
27
26..
25
24..
22
21
20..1
7
16
15..1
4
13..
12
11..
9
8..0
31 WRITE OTP
11111
xt
write
otp
tst
ID
hyst_2x cfg
off_
cos
off_
sin
FM
osc vref Hall
Bias
lock_otp
(*)
r_ad
d
r_bit sensi
tivity
abi
uvw
zero
angle
25 PROG_OTP 11001
xt
write
otp
tst
ID
hyst_2x
LP
osc vref
LP
osc vref Hall
Bias
lock_otp
(*)
r_ad
d
r_bit sensi
tivity
abi
uvw
zero
angle
15 READ_OTP
01111
xt
read
otp
tst
ID
hyst_2x
LP
osc vref
LP
osc vref Hall
Bias
lock_otp
(*)
r_ad
d
r_bit sensi
tivity
abi
uvw
zero
angle
9
READ ANA
01001
xt
read
otp
tst
ID
hyst_2x
LP
osc vref
LP
osc vref Hall
Bias
lock_otp
(*)
r_ad
d
r_bit sensi
tivity
abi
uvw
zero
angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com