Electronic Components Datasheet Search
  English  ▼

X  

AS5134 Datasheet(PDF) 17 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 17 Page - ams AG

Back Button AS5134 Datasheet HTML 13Page - ams AG AS5134 Datasheet HTML 14Page - ams AG AS5134 Datasheet HTML 15Page - ams AG AS5134 Datasheet HTML 16Page - ams AG AS5134 Datasheet HTML 17Page - ams AG AS5134 Datasheet HTML 18Page - ams AG AS5134 Datasheet HTML 19Page - ams AG AS5134 Datasheet HTML 20Page - ams AG AS5134 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
17 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 13. Analog OTP Verification
Figure 14. Extended Operation Mode (for OTP access only)
AS5134 Status Indicators
C2 Status Bit
This bit represents the hardware connection of the C2 configuration pin (#15) to determine, which hardware
configuration is selected for the AS5134 in question.
- C2 = low: Pin C2 is low, indicating that the AS5134 is in 3-wire mode
- C2 = high: Pin C2 is high, indicating that the AS5134 is in 2-wire
Lock Status Bit
The Lock signal indicates, whether the angle information is valid (ADC locked, Lock = high) or invalid (ADC unlocked,
Lock = low). To determine a valid angular signal at best performance, the following indicators should be set:
Lock = 1
AGC = >00H and < 2FH
Note: The angle signal may also be valid (Lock = 1), when the AGC is out of range (00H or 2FH), but the accuracy of
the AS5134 may be reduced due to the out of range condition of the magnetic field strength.
+5V
VDD
VDD
CS
DCLK
DIO
VSS
VSS
C2
100n
VSS
VDD
I/O
Output
Output
PROG
8.0 – 8.5V
V
CMD0
CMD4
CMD2
HI
D61
D61
D60
D60
D0
D0
CMD_PHASE
DATA_PHASE_EXTENDED
t0
t1
t3
t4
t5
t6
t7
t8
t10
t10
t9
t12
t11
CMD
READ
WRITE
DCLK
CS
DIO
DIO
DIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com