Electronic Components Datasheet Search
  English  ▼

X  

MCP2025 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP2025
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2025 Datasheet HTML 15Page - Microchip Technology MCP2025 Datasheet HTML 16Page - Microchip Technology MCP2025 Datasheet HTML 17Page - Microchip Technology MCP2025 Datasheet HTML 18Page - Microchip Technology MCP2025 Datasheet HTML 19Page - Microchip Technology MCP2025 Datasheet HTML 20Page - Microchip Technology MCP2025 Datasheet HTML 21Page - Microchip Technology MCP2025 Datasheet HTML 22Page - Microchip Technology MCP2025 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
 2012-2014 Microchip Technology Inc.
DS20002306B-page 19
MCP2025
2.4
AC Specifications
AC Characteristics
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for
VBB = 6.0V to 18.0V; TA = -40°C to +125°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Bus Interface – Constant Slope Time Parameters
Slope Rising and Falling
Edges
tSLOPE
3.5
—
22.5
µs
7.3V
 VBB  18V
Propagation Delay of
Transmitter
tTRANSPD
——
6.0
µs
tTRANSPD =max.
(tTRANSPDR or tTRANSPDF)
Propagation Delay of
Receiver
tRECPD
——
6.0
µs
tRECPD =max.
(tRECPDR or tRECPDF)
Symmetry of Propagation
Delay of Receiver Rising
Edge w.r.t. Falling Edge
tRECSYM
-2.0
—
2.0
µs
tRECSYM =max.
(tRECPDF –tRECPDR)
RRXD =2.4 k
to VCC
CRXD =20 pF
Symmetry of Propagation
Delay of Transmitter Rising
Edge w.r.t. Falling Edge
tTRANSSYM
-2.0
—
2.0
µs
tTRANSSYM =max.
(tTRANSPDF –tTRANSPDR)
Bus Dominant Time-Out
Time
tTO(LIN)—
25
—
mS
—
Duty Cycle 1 @ 20.0 kbps
—
0.396
—
—
%tBIT
CBUS; RBUS conditions:
1nF; 1k
 | 6.8 nF;
660
 | 10 nF; 500
THREC(MAX) = 0.744 x VBB,
THDOM(MAX)= 0.581x VBB,
VBB =7.0V– 18V;
tBIT =50 µs.
D1 = tBUS_REC(MIN)/2 x tBIT
Duty Cycle 2 @ 20.0 kbps
—
—
—
0.581
%tBIT
CBUS; RBUS conditions:
1nF; 1k
 | 6.8 nF;
660
 | 10 nF; 500
THREC(MAX) = 0.284 x VBB,
THDOM(MAX)= 0.422x VBB,
VBB =7.6V– 18V;
tBIT =50 µs.
D2 = tBUS_REC(MAX)/2 x tBIT
Duty Cycle 3 @ 10.4 kbps
—
0.417
—
—
%tBIT
CBUS; RBUS conditions:
1nF; 1k
 | 6.8 nF;
660
 | 10 nF; 500
THREC(MAX) = 0.778 x VBB,
THDOM(MAX)= 0.616x VBB,
VBB =7.0V– 18V;
tBIT =96 µs.
D3 = tBUS_REC(MIN)/2 x tBIT
Duty Cycle 4 @ 10.4 kbps
—
—
—
0.590
%tBIT
CBUS; RBUS conditions:
1nF; 1k
 | 6.8 nF;
660
 | 10 nF; 500
THREC(MAX) = 0.251 x VBB,
THDOM(MAX)= 0.389x VBB,
VBB =7.6V– 18V;
tBIT =96 µs.
D4 = tBUS_REC(MAX)/2 x tBIT
Note 1:
Time depends on external capacitance and load. Test condition: CREG = 4.7 µF, no resistor load.
2:
Characterized, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com