Electronic Components Datasheet Search
  English  ▼

X  

MCP2025 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2025
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2025 Datasheet HTML 4Page - Microchip Technology MCP2025 Datasheet HTML 5Page - Microchip Technology MCP2025 Datasheet HTML 6Page - Microchip Technology MCP2025 Datasheet HTML 7Page - Microchip Technology MCP2025 Datasheet HTML 8Page - Microchip Technology MCP2025 Datasheet HTML 9Page - Microchip Technology MCP2025 Datasheet HTML 10Page - Microchip Technology MCP2025 Datasheet HTML 11Page - Microchip Technology MCP2025 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MCP2025
DS20002306B-page 8
 2012-2014 Microchip Technology Inc.
Under specific ambient temperature and battery
voltage range, the voltage regulator can output as high
as 150 mA current. For current load capability of the
voltage regulator, refer to Figures 2-8 and 2-9.
The regulator requires an external output bypass
capacitor for stability. See Figure 2-1 for correct
capacity and ESR for stable operation.
In worst-case scenarios, the ceramic capacitor may
derate by 50%, based on tolerance, voltage and
temperature. Therefore, in order to ensure stability,
ceramic capacitors smaller than 10 µF may require a
small series resistance to meet the ESR requirements,
as shown in Table 1-3.
FIGURE 1-3:
VOLTAGE REGULATOR BLOCK DIAGRAM
Note:
The regulator has an overload current limit
of approximately 250 mA. The regulator
output voltage, VREG, is monitored. If
output voltage VREG is lower than VSD, the
voltage regulator will turn off. After a
recovery time of about 3 ms, the VREG will
be checked again. If there is no short
circuit, (VREG >VSD), then the voltage
regulator remains on.
Note:
A ceramic capacitor of at least 10 µF or a
tantalum capacitor of at least 2.2 µF is
recommended for stability.
TABLE 1-3:
RECOMMENDED SERIES
RESISTANCE FOR CERAMIC
CAPACITORS
Resistance
Capacitor
1
1µF
0.47
2.2 µF
0.22
4.7 µF
0.1
6.8 µF
Pass
Element
Sampling
Network
Buffer
VREG
VBB
VSS
Fast
Transient
Loop
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com