Electronic Components Datasheet Search
  English  ▼

X  

MCP2025 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2025
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2025 Datasheet HTML 7Page - Microchip Technology MCP2025 Datasheet HTML 8Page - Microchip Technology MCP2025 Datasheet HTML 9Page - Microchip Technology MCP2025 Datasheet HTML 10Page - Microchip Technology MCP2025 Datasheet HTML 11Page - Microchip Technology MCP2025 Datasheet HTML 12Page - Microchip Technology MCP2025 Datasheet HTML 13Page - Microchip Technology MCP2025 Datasheet HTML 14Page - Microchip Technology MCP2025 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
 2012-2014 Microchip Technology Inc.
DS20002306B-page 11
MCP2025
Assume that we have a good quality VBAT connection
with RTOT =0.1
 and L = 0.1 mH.
Solving the equation gives CBAT/CREG =1.
If we increase RTOT up to 1
, the result becomes
CBAT/CREG = 1.4. However, if the connection is highly
resistive or highly inductive (poor connection), the
CBAT/CREG ratio greatly increases.
Figure 1-6
shows
the
minimum
recommended
CBAT/CREG ratio as a function of the impedance of the
VBAT connection.
FIGURE 1-6:
Minimum Recommended
CBAT/CREG Ratio
TABLE 1-4:
CBAT/CREG RATIO BY VBAT
CONNECTION TYPE
Connection
Type
RTOT
L
CBAT/CREG
Ratio
Good
0.1
 0.1 mH
1
Typical
1
0.1 mH
1.4
Highly inductive
0.1
1mH
7
Highly resistive
10
0.1 mH
7
1
10
0.1
1
VBAT Line Inductance [mH]
CBAT/CREG Ratio as Function of the VBAT Line
Impedance
RBAT = 10
RBAT = 4
RBAT = 2
RBAT = 1
RBAT = 0.3
RBAT = 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com