Electronic Components Datasheet Search
  English  ▼

X  

MCP2025 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2025
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 Datasheet(HTML) 4 Page - Microchip Technology

  MCP2025 Datasheet HTML 1Page - Microchip Technology MCP2025 Datasheet HTML 2Page - Microchip Technology MCP2025 Datasheet HTML 3Page - Microchip Technology MCP2025 Datasheet HTML 4Page - Microchip Technology MCP2025 Datasheet HTML 5Page - Microchip Technology MCP2025 Datasheet HTML 6Page - Microchip Technology MCP2025 Datasheet HTML 7Page - Microchip Technology MCP2025 Datasheet HTML 8Page - Microchip Technology MCP2025 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MCP2025
DS20002306B-page 4
 2012-2014 Microchip Technology Inc.
1.1.1
POWER-ON RESET MODE
Upon application of VBB, or whenever the voltage on
VBB is below the threshold of regulator turn-off voltage
VOFF (typically 4.50V), the device enters Power-On
Reset (POR) mode. During this mode, the device
maintains the digital section in a Reset mode and waits
until the voltage on the VBB pin rises above the
threshold of regulator turn-on voltage VON (typically
5.75V) to enter Ready mode. In Power-On Reset
mode, the LIN physical layer and voltage regulator are
disabled and the RESET pin is switched to ground.
1.1.2
READY MODE
The device enters Ready mode from POR mode after
the voltage on VBB rises above the threshold of
regulator turn-on voltage VON, or from Power-Down
mode when a remote or local wake-up event happens.
Upon entering Ready mode, the voltage regulator and
the receiver section of the transceiver are powered-up.
The transmitter remains in an off state. The device is
ready to receive data, but not to transmit. In order to
minimize the power consumption, the regulator
operates in a reduced-power mode. It has a lower
GBW product and it is thus slower. However, the 70 mA
drive capability is unchanged.
The device stays in Ready mode until the output of the
voltage regulator has stabilized and the CS/LWAKE pin
is high (‘1’).
1.1.3
OPERATION MODE
If the CS/LWAKE pin changes to high while VREG is OK
(VREG >0.8*VREG_NOM) and the TXD pin is high, the
part enters Operation mode from either Ready or
Transmitter Off mode.
In this mode, all internal modules are operational. The
internal pull-up resistor between LBUS and VBB is
connected only in this mode.
The device goes into Transmitter Off mode at the falling
edge on the CS/LWAKE pin or when a fault is detected.
1.1.4
TRANSMITTER OFF MODE
If VREG is OK (VREG >0.8*VREG_NOM), the Transmitter
Off mode can be reached from Ready mode by setting
CS/LWAKE to high when the TXD pin is low, or from
Operation mode by pulling down CS/LWAKE to low.
In Transmitter Off mode, the receiver is enabled but the
LBUS transmitter is off. It is a lower-power mode.
In order to minimize power consumption, the regulator
operates in a reduced-power mode. It has a lower
GBW product and it is thus slower. However, the 70 mA
drive capability is unchanged.
The transmitter is also turned off whenever the voltage
regulator is unstable or recovering from a fault. This
prevents unwanted disruption on the bus during times
of uncertain operation.
1.1.5
POWER-DOWN MODE
Power-Down mode is entered by pulling down both the
CS/LWAKE pin and the TXD pin to low from Transmitter
Off mode. In Power-Down mode, the transceiver and
the voltage regulator are both off. Only the bus wake-up
section and the CS/LWAKE pin wake-up circuits are in
operation. This is the lowest-power mode.
If any bus activity (e.g., a Break character) occurs or
CS/LWAKE is set to high during Power-Down mode,
the device will immediately enter Ready mode and
enable the voltage regulator. Then, once the regulator
output has stabilized (approximately 0.3 ms to 1.2 ms),
it can go into either Operation mode or Transmitter Off
mode. Refer to Section 1.1.6 “Remote Wake-Up” for
more details.
1.1.6
REMOTE WAKE-UP
The Remote Wake-Up sub-module observes the LBUS
in order to detect bus activity. In Power-Down mode,
the normal LIN recessive/dominant threshold is
disabled and the LIN bus wake-up voltage threshold
VWK(LBUS) is used to detect bus activities. Bus activity
is detected when the voltage on the LBUS falls below
the LIN bus wake-up voltage threshold VWK(LBUS)
(approximately 3.4V) for at least tBDB (a typical duration
of 80 µs) followed by a rising edge. Such a condition
causes the device to leave Power-Down mode.
Note:
The TXD pin needs to be set high before
setting the CS/LWAKE pin to low in order
to jump and stay in Transmitter Off mode.
If the TXD pin is set or maintained low
before setting the CS/LWAKE pin to low,
the part will transition to Transmitter Off
mode and then jump to Power-Down
mode after a deglitch delay of about
20 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com