Electronic Components Datasheet Search
  English  ▼

X  

MCP2025 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP2025
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP2025 Datasheet HTML 10Page - Microchip Technology MCP2025 Datasheet HTML 11Page - Microchip Technology MCP2025 Datasheet HTML 12Page - Microchip Technology MCP2025 Datasheet HTML 13Page - Microchip Technology MCP2025 Datasheet HTML 14Page - Microchip Technology MCP2025 Datasheet HTML 15Page - Microchip Technology MCP2025 Datasheet HTML 16Page - Microchip Technology MCP2025 Datasheet HTML 17Page - Microchip Technology MCP2025 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MCP2025
DS20002306B-page 14
 2012-2014 Microchip Technology Inc.
2.0
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings†
VIN DC Voltage on RXD and RESET ................................................................................................. -0.3V to VREG +0.3
VIN DC Voltage on TXD, CS/LWAKE.............................................................................................................. -0.3 to +40V
VBB Battery Voltage, continuous, non-operating (Note 1)............................................................................. -0.3 to +40V
VBB Battery Voltage, non-operating (LIN bus recessive, no regulator load, t < 60s) (Note 2) ...................... -0.3 to +43V
VBB Battery Voltage, transient ISO 7637 Test 1 ..................................................................................................... -100V
VBB Battery Voltage, transient ISO 7637 Test 2a .....................................................................................................+75V
VBB Battery Voltage, transient ISO 7637 Test 3a ................................................................................................... -150V
VBB Battery Voltage, transient ISO 7637 Test 3b ...................................................................................................+100V
VLBUS Bus Voltage, continuous...................................................................................................................... -18 to +30V
VLBUS Bus Voltage, transient (Note 3) ........................................................................................................... -27 to +43V
ILBUS Bus Short Circuit Current Limit ....................................................................................................................200 mA
ESD protection on LIN, VBB (IEC 61000-4-2) (Note 4) ............................................................................................±15 V
ESD protection on LIN, VBB (Human Body Model) (Note 5)....................................................................................±8 kV
ESD protection on all other pins (Human Body Model) (Note 5) .............................................................................±4 kV
ESD protection on all pins (Charge Device Model) (Note 6).................................................................................±1500V
ESD protection on all pins (Machine Model) (Note 7).............................................................................................±200V
Maximum Junction Temperature ............................................................................................................................. 150
C
Storage Temperature...................................................................................................................................-65 to +150
C
Note 1:
LIN 2.x compliant specification.
2:
SAE J2602-2 compliant specification.
3:
ISO 7637/1 load dump compliant (t < 500 ms).
4:
According to IEC 61000-4-2, 330
, 150 pF and Transceiver EMC Test Specifications [2] to [4].
5:
According to AEC-Q100-002/JESD22-A114.
6:
According to AEC-Q100-011B.
7:
According to AEC-Q100-003/JESD22-A115.
2.2
Nomenclature Used in this Document
Some terms and names used in this data sheet deviate from those referred to in the LIN specifications. Equivalent
values are shown below.
† Notice:
Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
LIN 2.1 Name
Term used in the following tables
Definition
VBAT
not used
ECU operating voltage
VSUP
VBB
Supply voltage at device pin
VBUS_LIM
ISC
Current limit of driver
VBUSREC
VIH(LBUS)
Recessive state
VBUSDOM
VIL(LBUS)
Dominant state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com