Electronic Components Datasheet Search
  English  ▼

X  

MCP2025 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2025
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2025 Datasheet HTML 12Page - Microchip Technology MCP2025 Datasheet HTML 13Page - Microchip Technology MCP2025 Datasheet HTML 14Page - Microchip Technology MCP2025 Datasheet HTML 15Page - Microchip Technology MCP2025 Datasheet HTML 16Page - Microchip Technology MCP2025 Datasheet HTML 17Page - Microchip Technology MCP2025 Datasheet HTML 18Page - Microchip Technology MCP2025 Datasheet HTML 19Page - Microchip Technology MCP2025 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
MCP2025
DS20002306B-page 16
 2012-2014 Microchip Technology Inc.
Low-Level Input Current
(CS/LWAKE)
IIL
——
5.0
µA
Input voltage = 0.2VREG
~1.3 M
 internal
pull-down to VSS
Low-Level Output Voltage
(RXD)
VOLRXD
——
0.2VREG
VIOL =2 mA
High-Level Output Voltage
(RXD)
VOHRXD
0.8VREG
——
V
IOH =2 mA
Bus Interface
High-Level Input Voltage
VIH(LBUS)0.6 VBB
—
—
V
Recessive state
Low-Level Input Voltage
VIL(LBUS)-8
—
0.4 VBB
V
Dominant state
Input Hysteresis
VHYS
——
0.175 VBB
VVIH(LBUS)– VIL(LBUS)
Low-Level Output Current
IOL(LBUS)
40
—
200
mA
Output voltage = 0.1 VBB,
VBB =12V
Pull-Up Current on Input
IPU(LBUS)-180
—
-72
µA
~30 k
 internal pull-up
@ VIH(LBUS)= 0.7VBB,
VBB =12V
Short Circuit Current Limit
ISC
50
—
200
mA
Note 1
High-Level Output Voltage
VOH(LBUS)0.8 VBB
—VBB
V
Driver Dominant Voltage
V_LOSUP
——
1.1
V
VBB =7.3V
RLOAD =1000
V_HISUP
——
1.2
V
VBB =18V
RLOAD =1000
Input Leakage Current
(at the receiver during
dominant bus level)
IBUS_PAS_DOM
-1
—
—
mA
Driver off
VBUS =0V
VBB =12V
Input Leakage Current
(at the receiver during
recessive bus level)
IBUS_PAS_REC
-20
—
20
µA
Driver off
8V < VBB <18V
8V < VBUS <18V
VBUS
 VBB
Leakage Current
(disconnected from ground)
IBUS_NO_GND
-10
—
+10
µA
GNDDEVICE =VBB
0V < VBUS <18V
VBB =12V
Leakage Current
(disconnected from VBB)
IBUS_NO_PWR
-10
—
+10
µA
VBB =GND
0< VBUS < 18V
Receiver Center Voltage
VBUS_CNT
0.475 VBB
0.5
VBB
0.525 VBB
VVBUS_CNT =(VIL(LBUS)+
VIH(LBUS))/2
Slave Termination
RSLAVE
20
30
47
k
Note 2
Capacitance of Slave Node
CSLAVE
——
50
pF
Note 2
Wake-Up Voltage Thresh-
old on LIN Bus
VWK(LBUS)
—
—
3.4
V
Wake up from
Power-Down mode
(Note 3)
2.3
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for
VBB = 6.0V to 18.0V, TA = -40°C to +125°C, CREG =10µF.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS =0
, TX = 0, VLBUS =VBB).
2:
Characterized, not 100% tested.
3:
In Power-Down mode, normal LIN recessive/dominant threshold is disabled; VWK(LBUS) is used to detect
bus activities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com