Electronic Components Datasheet Search
  English  ▼

X  

MCP2025 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP2025
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP2025 Datasheet HTML 6Page - Microchip Technology MCP2025 Datasheet HTML 7Page - Microchip Technology MCP2025 Datasheet HTML 8Page - Microchip Technology MCP2025 Datasheet HTML 9Page - Microchip Technology MCP2025 Datasheet HTML 10Page - Microchip Technology MCP2025 Datasheet HTML 11Page - Microchip Technology MCP2025 Datasheet HTML 12Page - Microchip Technology MCP2025 Datasheet HTML 13Page - Microchip Technology MCP2025 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MCP2025
DS20002306B-page 10
 2012-2014 Microchip Technology Inc.
1.5
Optional External Protection
1.5.1
REVERSE BATTERY PROTECTION
An external reverse-battery-blocking diode should be
used to provide polarity protection (see Figure 1-7).
1.5.2
TRANSIENT VOLTAGE
PROTECTION (LOAD DUMP)
An external 43V transient suppressor (TVS) diode,
between VBB and ground, with a transient protection
resistor (RTP) in series with the battery supply and the
VBB pin, protects the device from power transients and
ESD events greater than 43V (see Figure 1-7). The
maximum value for the RTP protection resistor depends
upon two parameters: the minimum voltage the part will
start at and the impacts of this RTP resistor on the VBB
value, thus on the bus recessive level and slopes.
This leads to a set of three equations to fulfill.
Equation 1-1 provides a maximum RTP value according
to the minimum battery voltage the user wants.
Equation 1-2
provides a maximum RTP value
according to the maximum error on the recessive level,
thus VBB, since the part uses VBB as the reference
value for the recessive level.
Equation 1-3
provides a maximum RTP value
according to the maximum relative variation the user
can accept on the slope when IREG varies.
Since both Equations 1-1 and 1-2 must be fulfilled, the
maximum allowed value for RTP is thus the smaller of the
two values found when solving Equations 1-1 and 1-2.
Usually, Equation 1-1 gives the higher constraint
(smaller value) for RTP, as shown in the following
example where VBATMIN is 8V.
However, the user needs to verify that the value found
with Equation 1-1 fulfills Equations 1-2 and 1-3.
While this protection is optional, it should be
considered as good engineering practice.
EQUATION 1-1:
Assume that VBATMIN =8V. Equation 1-1 gives 10
.
EQUATION 1-2:
Assume
that
VRECCESSIVE =1V
and
IREGMAX =50mA. Equation 1-2 gives 20
.
EQUATION 1-3:
Assume that
Slope = 15%, VBATMIN =8V and
IREGMAX =50mA. Equation 1-3 gives 20
.
1.5.3
CBAT CAPACITOR
Selecting
CBAT =10 x CREG
is
recommended.
However, this leads to a high-value capacitor. Lower
values for CBAT capacitor can be used with respect to
some rules. In any case, the voltage at the VBB pin
should remain above VOFF when the device is turned
on.
The current peak at start-up (due to the fast charge of
the CREG and CBAT capacitors) may induce a
significant drop on the VBB pin. This drop is
proportional to the impedance of the VBAT connection
(see Figure 1-7).
The VBAT connection is mainly inductive and resistive.
Therefore, it can be modeled as a resistor (RTOT) in
series with an inductor (L). RTOT and L can be
measured.
The following formula gives an indication of the
minimum value of CBAT using RTOT and L:
EQUATION 1-4:
Equation 1-4 allows lower CBAT/CREG values than the
10x ratio we recommend.
R
TP
V
BATMIN
5.5V
–
250 mA
----------------------------------------
5.5V
V
OFF
1.0V
+
=
Where:
250 mA = Peak current at power-on when
VBB =5.5V
R
TP
V
RECESSIVE
I
REGMAX
----------------------------------
Where:
VRECESSIVE = Maximum variation tolerated on
the recessive level
R
TP
Slope
V
BA TMIN
1V
–

I
REGMAX
-----------------------------------------------------------------
Where:
Slope = Maximum variation tolerated on the
slope level
IREGMAX = Maximum current the current will
provide to the load
VBATMIN >VOFF +1.0V
C
BAT
C
REG
--------------
100L
2
R
TOT
2
+
1L
2
R
TOT
2
100
-------------
++
------------------------------------
=
Where:
L = Inductor (measured in mH)
RTOT =RLINE +RTP (measured in
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com