Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-0505SH30JZ. Datasheet(PDF) 4 Page - AIMTEC

Part # AM1LS-0505SH30JZ.
Description  DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-0505SH30JZ. Datasheet(HTML) 4 Page - AIMTEC

  AM1LS-0505SH30JZ. Datasheet HTML 1Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 2Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 3Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 4Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 5Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 6Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 7Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 8Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
F 052e R4
www.Aimtec.com
4
Rev: 08/21/A
AM1LS-JZ
DC-DC Converter
Isolation Specification
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec, leakage ≤ 1mA
>1500
VDC
60 sec, leakage ≤ 1mA for H30 models
>3000
VDC
Resistance
500VDC
>1000
MΩ
Capacitance
100kHz/0.1V
20
pF
Output Specification
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See output voltage tolerance
10
14
%
Line regulation
Per 1% Vin change, AM1LS-0503SJZ & AM1LS-0503SH30JZ
1.5
%
Per 1% Vin change, others
1.2
%
Load regulation
10-100% load, 3.3Vout
15
20
%
10-100% load, 5Vout
10
15
%
10-100% load, 9Vout
8
10
%
10-100% load, 12Vout
7
10
%
10-100% load, 15Vout
6
10
%
10-100% load, 24Vout
5
10
%
Temperature coefficient
±0.02
%/°C
Ripple & Noise*
24Vout
50
100
mV pk-pk
Others
30
75
mV pk-pk
Minimum load**
10
%
* Ripple and Noise are measured at 20MHz bandwidth. Please refer to the application note for specific details.
** If the required power is less than 1% of the rated converter output, connect a bleeder resistor in parallel with the load to satisfy the minimum
load requirement.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
Full load, nominal input, 5Vin
270
KHz
Full load, nominal input, others
260
KHz
Short circuit protection
Continuous, Auto recovery
Operating temperature
With derating at 100°C
-40 to +105
°C
Storage temperature
-55 to +125
°C
Maximum Case temperature
130
°C
Reflow soldering temperature
Maximum duration 60s when over 217°C
245
°C
Soldering method
IPC/JEDEC J-STD-020D.1.
Cooling
Free air convection
Humidity
Non-condensing
>5
95
% RH
Moisture sensitivity level
Level 1
Case material
Black plastic (flammability to UL 94V-0)
Weight
1.4
g
Dimensions (L x W x H)
Single output models
Dual output models
0.52 x 0.45 x 0.28 inches (13.20 x 11.40 x 7.25 mm)
0.60 x 0.45 x 0.28 inches (15.24 x 11.40 x 7.25 mm)
MTBF
3 500 000 hrs (MIL-HDBK -217F, t=+25oC) / Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated
output load unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com