Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-0505SH30JZ. Datasheet(PDF) 1 Page - AIMTEC

Part # AM1LS-0505SH30JZ.
Description  DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-0505SH30JZ. Datasheet(HTML) 1 Page - AIMTEC

  AM1LS-0505SH30JZ. Datasheet HTML 1Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 2Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 3Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 4Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 5Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 6Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 7Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 8Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
F 052e R4
www.Aimtec.com
1
Rev: 08/21/A
AM1LS-JZ
DC-DC Converter
Input voltage
(VDC)
Output voltage
(V)
Isolation
(VDC)
Power
(W)
Temp. range
(°C)
Derating
(°C)
AM1LS-JZ
AM1LS-JZ
Click to
ORDER
samples
SMD Package
The AM1LS-JZ is a 1W SMD DC/DC converter that offers great cost savings thanks to
an improved manufacturing process. It also features excellent reliability and
performance while offering a standard input voltage range of 5-24VDC as well as an
output voltage of 3.3-24V. This
compact SMD design will surely benefit your new
system design.
This new series offers great operating temperatures, from -40 to 105°C with full power
up to 100°C. Also, an isolation of 1500VDC & 3000VDC for improved reliability and
system safety as well as a great 3,500,000h MTBF come standard.
The AM1LS-JZ is suitable for instrumentation, industrial controls, communication and
IoT applications.
Features
Summary
•
High I/O Isolation 1500VDC & 3000VDC
•
Continuous Short circuit protection
•
Operating Temp: -40 °C to +105 °C
•
Low profile case height: 7.25mm
•
Compact footprint and high-power Density
•
Efficiency up to 85%
•
Unregulated output
Press Release
Product Training Video
(click to open)
Application Notes
Coming Soon!
IoT
Industrial
Telecom
Portable Equipment
Training
Applications
24
1500
3.3
24
48
1000
6000
0.25
1
60
-40
125
125
100
-40
3
1500
105


Similar Part No. - AM1LS-0505SH30JZ.

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1LS-0505SH30-NZ AIMTEC-AM1LS-0505SH30-NZ Datasheet
527Kb / 9P
1 Watt | DC-DC Converter
REV: 05/19/A
AM1LS-0505SH30-NZTR AIMTEC-AM1LS-0505SH30-NZTR Datasheet
527Kb / 9P
1 Watt | DC-DC Converter
REV: 05/19/A
More results

Similar Description - AM1LS-0505SH30JZ.

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com